データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KMT32B データシート(PDF) 6 Page - TE Connectivity Ltd

部品番号 KMT32B
部品情報  AMR Sensor with 180째 period
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

KMT32B データシート(HTML) 6 Page - TE Connectivity Ltd

  KMT32B Datasheet HTML 1Page - TE Connectivity Ltd KMT32B Datasheet HTML 2Page - TE Connectivity Ltd KMT32B Datasheet HTML 3Page - TE Connectivity Ltd KMT32B Datasheet HTML 4Page - TE Connectivity Ltd KMT32B Datasheet HTML 5Page - TE Connectivity Ltd KMT32B Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
KMT32B
Magnetic Angle Sensor
SENSOR SOLUTIONS /// KMT32B Rev 6
1/2016
Page 6
TAPE AND REEL PACKAGING INFORMATION
Description
Reel size
Units/reel
Pin 1 orientation
Note
KMT32B/TD
7”
3,000
Top-right of sprocket
hole side
KMT32B/SO
13”
2,500
Top-left of sprocket
hole side
ORDERING CODE
Device
Package
MOQ
Part Number
KMT 32B/SO
SO-8
1 reel
G-MRCO-015
KMT 32B/TD
TDFN 2.5 x 2.5
1 reel
G-MRCO-016
ORDERING INFORMATION
TE.com/sensorsolutions
Measurement Specialties, Inc., a TE Connectivity company.
Measurement Specialties, TE Connectivity, TE Connectivity (logo) and EVERY CONNECTION COUNTS are trademarks. All other logos, products and/or company names referred to herein
might be trademarks of their respective owners.
The information given herein, including drawings, illustrations and schematics which are intended for illustration purposes only, is believed to be reliable. However, TE Connectivity makes
no warranties as to its ac
curacy or completeness and disclaims any liability in connection with its use. TE Connectivity‘s obligations shall only be as set forth in TE Connectivity‘s Standard
Terms and Conditions of Sale for this product and in no case will TE Connectivity be liable for any incidental, indirect or consequential damages arising out of the sale, resale, use or misuse
of the product. Users of TE Connectivity products should make their own evaluation to determine the suitability of each such product for the specific application.
© 2015
TE Connectivity Ltd. family of companies
All Rights Reserved.
NORTH AMERICA
Measurement Specialties, Inc.,
a TE Connectivity Company
1000 Lucas Way
Hampton, VA 23666
United States
Phone: +1-800-745-8008
Fax: +1-757-766-4297
Email: sales@meas-spec.com
EUROPE
MEAS Deutschland GmbH (Europe)
a TE Connectivity Company
Hauert 13
D-44227 Dortmund
Germany
Phone: +49-(0)231-9740-0
Fax: +49-(0)231-9740-20
Email: info.de@meas-spec.com
ASIA
Measurement Specialties (China), Ltd.,
a TE Connectivity Company
No. 26, Langshan Road
High-tech Park (North)
Nanshan District, Shenzhen 518057
China
Phone: +86-755-33305088
Fax: +86-755-33305099
Email: info.cn@meas-spec.com


同様の部品番号 - KMT32B

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
KMT32B ETC2-KMT32B Datasheet
315Kb / 7P
   MAGNETIC ANGLE SENSOR
KMT32BSM8 ETC2-KMT32BSM8 Datasheet
315Kb / 7P
   MAGNETIC ANGLE SENSOR
KMT32BSO8 ETC2-KMT32BSO8 Datasheet
315Kb / 7P
   MAGNETIC ANGLE SENSOR
KMT32BTDFN8 ETC2-KMT32BTDFN8 Datasheet
315Kb / 7P
   MAGNETIC ANGLE SENSOR
More results

同様の説明 - KMT32B

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
KMT36H TEC-KMT36H Datasheet
221Kb / 7P
   AMR Sensor with 360째 capability
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
   AMR Angle Sensor
logo
TE Connectivity Ltd
MS32 TEC-MS32 Datasheet
287Kb / 6P
   AMR Switching-Sensor
logo
IC-Haus GmbH
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
   LINEAR AMR SENSOR
IC-SM2L ICHAUS-IC-SM2L_14 Datasheet
439Kb / 8P
   LINEAR AMR SENSOR
logo
MultiDimension Technolo...
AMR3013P MULTIDIMENSION-AMR3013P Datasheet
643Kb / 4P
   AMR3013P AMR Angle Sensor
Ver. 1.2
logo
IC-Haus GmbH
IC-SM5L ICHAUS-IC-SM5L Datasheet
135Kb / 5P
   LINEAR AMR SENSOR (5 mm)
IC-SM2L ICHAUS-IC-SM2L Datasheet
140Kb / 5P
   LINEAR AMR SENSOR (2 mm)
logo
MultiDimension Technolo...
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com