データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

G-MRCO-007 データシート(PDF) 4 Page - TE Connectivity Ltd

部品番号 G-MRCO-007
部品情報  Linear Magnetic Field Sensors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

G-MRCO-007 データシート(HTML) 4 Page - TE Connectivity Ltd

  G-MRCO-007 Datasheet HTML 1Page - TE Connectivity Ltd G-MRCO-007 Datasheet HTML 2Page - TE Connectivity Ltd G-MRCO-007 Datasheet HTML 3Page - TE Connectivity Ltd G-MRCO-007 Datasheet HTML 4Page - TE Connectivity Ltd G-MRCO-007 Datasheet HTML 5Page - TE Connectivity Ltd G-MRCO-007 Datasheet HTML 6Page - TE Connectivity Ltd G-MRCO-007 Datasheet HTML 7Page - TE Connectivity Ltd G-MRCO-007 Datasheet HTML 8Page - TE Connectivity Ltd G-MRCO-007 Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
KMY_KMZ
Linear Magnetic Field Sensors
SENSOR SOLUTIONS ///KMY_KMZ Rev 4
1/2016
Page 4
Hysteresis
VH/Vcc
Condition A, B
-
-
50
µV/V
Sensor Specifications KMY 20 M, KMZ 20 M (T=25 °C, Hx=1.5±0.5 kA/m internally)
Supply voltage
Vcc
Condition A, B
5
V
Bridge resistance
Rb
Condition A, B
1200
1700
2200
Output signal range
V0/Vcc
Condition A, B
16
20
24
mV/V
Offset voltage
Voff/Vcc
Condition A, B
-1.5
0
+1.5
mV/V
Sensitivity
S
Condition A, B
4
5.5
7
mV/V/kA/m
Hysteresis
VH/Vcc
Condition A, B
-
-
50
µV/V
Sensor Specifications KMY 21 M (T=25 °C, Hx=2.5±1.0 kA/m internally)
Supply voltage
Vcc
Condition A, B
5
V
Bridge resistance
Rb
Condition A, B
1100
1500
1900
Output signal range
V0/Vcc
Condition A, B
8
9.5
12
mV/V
Offset voltage
Voff /Vcc
Condition A, B
48
50
52
%Vcc
Sensitivity
S
Condition A, B
2.05
2.50
3.10
mV/V/kA/m
Hysteresis
VH/Vcc
Condition A, B
-
-
50
µV/V
Stress above one or more of the limiting values may cause permanent damage to the device. Exposure to limiting values for extended periods
may affect device reliability.
MEASUREMENT CONDITIONS
Parameter
Symbol
Unit
Condition
Condition A: Set Up Conditions
Ambient temperature
T
°C
23
5
Measurement results are extrapolated to 25°C by using the
given temperature coefficients
Supply voltage
Vcc
V
5
Output voltage
VO
VO/Vcc
mV
mV/V
VO=(V0+ -V0- )
Output voltages are also given independently on supply
voltage: example: Vo/Vcc=(V0+ -V0- )/Vcc;
measure MR half bridge against reference half bridge
Reference half bridge
2* 2 k
0.1% (KMY21M only)
for full bridge sensors
(KMY20S, KMY20M, KMY22, KMZ20S, KMZ20M)
for half bridge sensors
(KMY 21 M)


同様の部品番号 - G-MRCO-007

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
G-MRCO-015 TEC-G-MRCO-015 Datasheet
307Kb / 6P
   AMR Sensor with 180째 period
G-MRCO-016 TEC-G-MRCO-016 Datasheet
307Kb / 6P
   AMR Sensor with 180째 period
G-MRCO-017 TEC-G-MRCO-017 Datasheet
287Kb / 6P
   AMR Switching-Sensor
G-MRCO-021 TEC-G-MRCO-021 Datasheet
221Kb / 7P
   AMR Sensor with 360째 capability
More results

同様の説明 - G-MRCO-007

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
ZMZ20M DIODES-ZMZ20M Datasheet
62Kb / 4P
   MAGNETIC FIELD SENSORS
ZMZ20 DIODES-ZMZ20 Datasheet
132Kb / 6P
   MAGNETIC FIELD SENSORS
logo
Zetex Semiconductors
ZMZ20 ZETEX-ZMZ20 Datasheet
124Kb / 6P
   MAGNETIC FIELD SENSORS
ZMZ20M ZETEX-ZMZ20M Datasheet
54Kb / 4P
   MAGNETIC FIELD SENSORS
ZMY20 ZETEX-ZMY20 Datasheet
3Mb / 7P
   Magnetic Field Sensors
logo
Analog Devices
AD22151 AD-AD22151 Datasheet
118Kb / 8P
   Linear Output Magnetic Field Sensor
REV. 0
AD22151YRZ AD-AD22151YRZ Datasheet
270Kb / 8P
   Linear Output Magnetic Field Sensor
REV. A
AD22151 AD-AD22151_15 Datasheet
270Kb / 8P
   Linear Output Magnetic Field Sensor
REV. A
logo
List of Unclassifed Man...
KMC05 ETC2-KMC05 Datasheet
143Kb / 2P
   Magnetic Field Sensors Current Sensor
KMT31 ETC2-KMT31 Datasheet
139Kb / 2P
   Magnetic Field Sensors Angle Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com