データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R-78B-2.0 データシート(PDF) 4 Page - Recom International Power

部品番号 R-78B-2.0
部品情報  Efficiency Up To 96%, No Heatsinks Required
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RECOM [Recom International Power]
ホームページ  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78B-2.0 データシート(HTML) 4 Page - Recom International Power

  R-78B-2.0 Datasheet HTML 1Page - Recom International Power R-78B-2.0 Datasheet HTML 2Page - Recom International Power R-78B-2.0 Datasheet HTML 3Page - Recom International Power R-78B-2.0 Datasheet HTML 4Page - Recom International Power R-78B-2.0 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
I-4
REV.: 0/2017
www.recom-power.com
DC/DC Converter
Specifications (measured @ ta= 25°C, nom. Vin, full load and after warm up unless otherwise specified)
R-78B-2.0
Series
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Potting
PCB
plastic, (UL94 V-0)
silicone, (UL94 V-0)
FR4, (UL94 V-0)
Package Dimension (LxWxH)
11.5 x 8.5 x 17.5mm
Package Weight
4.0g typ.
Dimension Drawing (mm)
Pin Connections
Pin #
Single
1
+Vin
2
GND
3
+Vout
Tolerance: xx.x= ±0.5mm
xx.xx= ±0.25mm
Pin width:
±0.1mm
Bottom View
3
2
1
8.5
11.5
3.21
Ø0.64
2.54
Ø1.0 +0.15/-0.1
R-78B-2.0
Marking
embossed logo
Recommended Footprint Details
EMC Filtering Suggestion according to EN55022
C1
L1
C2
+Vin
GND
+Vout
GND
R-78B-2.0
EN55022
C1
C2
L1
Class A
4.7µF 50V
MLCC 1206
N/A
3.3µH Choke
Class B
10µF 50V
MLCC 1210
4.7µF 50V
MLCC 1206
10µH Choke


同様の部品番号 - R-78B-2.0

メーカー部品番号データシート部品情報
logo
Recom International Pow...
R-78B-1.0 RECOM-R-78B-1.0 Datasheet
123Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B-1.0 RECOM-R-78B-1.0_15 Datasheet
93Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B-1.5 RECOM-R-78B-1.5 Datasheet
91Kb / 4P
   1.5 AMP SIP3 Single Output
More results

同様の説明 - R-78B-2.0

メーカー部品番号データシート部品情報
logo
Recom International Pow...
R-78HB RECOM-R-78HB_17 Datasheet
495Kb / 4P
   Efficiency up to 93%, no need for heatsinks
logo
Silicon Laboratories
SI86XX SILABS-SI86XX Datasheet
1Mb / 52P
   No start-up initialization required
logo
B. B. Battery Co., Ltd.
BP35-12F BB-BATTERY-BP35-12F Datasheet
179Kb / 1P
   Maintenance free(no water topping-up required)
BP33-12S BB-BATTERY-BP33-12S Datasheet
164Kb / 1P
   Maintenance free(no water topping-up required)
BP33-12H BB-BATTERY-BP33-12H Datasheet
199Kb / 1P
   Maintenance free(no water topping-up required)
BP35-12S BB-BATTERY-BP35-12S Datasheet
163Kb / 1P
   Maintenance free(no water topping-up required)
logo
List of Unclassifed Man...
HR6-12-T2 ETC2-HR6-12-T2 Datasheet
161Kb / 1P
   Maintenance free(no water topping-up required).
logo
B. B. Battery Co., Ltd.
BP35-12H BB-BATTERY-BP35-12H Datasheet
199Kb / 1P
   Maintenance free(no water topping-up required)
logo
Silicon Laboratories
SI843X SILABS-SI843X Datasheet
498Kb / 38P
   High-speed operation DC to 150 Mbps No start-up initialization required
logo
Taoglas antenna solutio...
MMB.A.EXTMA TAOGLAS-MMB.A.EXTMA Datasheet
3Mb / 30P
   No Drilling Required
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com