データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5432BRM データシート(PDF) 2 Page - Analog Devices

部品番号 AD5432BRM
部品情報  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5432BRM データシート(HTML) 2 Page - Analog Devices

  AD5432BRM Datasheet HTML 1Page - Analog Devices AD5432BRM Datasheet HTML 2Page - Analog Devices AD5432BRM Datasheet HTML 3Page - Analog Devices AD5432BRM Datasheet HTML 4Page - Analog Devices AD5432BRM Datasheet HTML 5Page - Analog Devices AD5432BRM Datasheet HTML 6Page - Analog Devices AD5432BRM Datasheet HTML 7Page - Analog Devices AD5432BRM Datasheet HTML 8Page - Analog Devices AD5432BRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. 0
–2–
AD5426/AD5432/AD5443–SPECIFICATIONS1
(VDD = 3 V to 5.5 V, VREF = 10 V, IOUTx = O V. All specifications TMIN to TMAX, unless otherwise noted. DC performance measured with OP177, AC
performance with AD8038, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Conditions
STATIC PERFORMANCE
AD5426
Resolution
8
Bits
Relative Accuracy
±0.25 LSB
Differential Nonlinearity
±0.5
LSB
Guaranteed monotonic
AD5432
Resolution
10
Bits
Relative Accuracy
±0.5
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic
AD5443
Resolution
12
Bits
Relative Accuracy
±1
LSB
Differential Nonlinearity
–1/+2
LSB
Guaranteed monotonic
Gain Error
±10
mV
Gain Error Temperature Coefficient
2
±5
ppm FSR/
°C
Output Leakage Current
±5nA
Data = 0x0000, TA = 25
°C, I
OUT
±25
nA
Data = 0x0000, IOUT
REFERENCE INPUT
2
Reference Input Range
±10
V
VREF Input Resistance
8
10
12
k
Input resistance TC = –50 ppm/
°C
RFB Resistance
8
10
12
k
Input resistance TC = –50 ppm/
°C
Input Capacitance
Code All 0s
3
6
pF
Code All 1s
5
8
pF
DIGITAL INPUTS/OUTPUT
2
Input High Voltage, VIH
1.7
V
Input Low Voltage, VIL
0.6
V
Input Leakage Current, IIL
2
A
Input Capacitance
4
10
pF
VDD = 4.5 V to 5.5 V
Output Low Voltage, VOL
0.4
V
ISINK = 200 A
Output High Voltage, VOH
VDD – 1
V
ISOURCE = 200 A
VDD = 3 V to 3.6 V
Output Low Voltage, VOL
0.4
V
ISINK = 200 A
Output High Voltage, VOH
VDD – 0.5
V
ISOURCE = 200 A
DYNAMIC PERFORMANCE
2
Reference Multiplying Bandwidth
10
MHz
VREF =
±3.5 V; DAC loaded all 1s
Output Voltage Settling Time
VREF = 10 V; RLOAD = 100
Ω, C
LOAD = 15 pF
AD5426
50
100
ns
Measured to
±16 mV of full scale
AD5432
55
110
ns
Measured to
±4 mV of full scale
AD5443
90
160
ns
Measured to
± 1 mV of full scale
Digital Delay
40
75
ns
Interface Delay Time
10% to 90% Rise/Fall Time
15
30
ns
Rise and fall time, VREF = 10 V, RLOAD = 100
Digital-to-Analog Glitch Impulse
2
nV-s
1 LSB change around major carry, VREF = 0 V
Multiplying Feedthrough Error
DAC latch loaded with all 0s. VREF =
±3.5 V
70
dB
1 MHz
48
dB
10 MHz
Output Capacitance
IOUT22225pF
All 0s loaded
10
12
pF
All 1s loaded
IOUT11217pF
All 0s loaded
25
30
pF
All 1s loaded
Digital Feedthrough
0.1
nV-s
Feedthrough to DAC output with
SYNC high and
alternate loading of all 0s and all 1s
Total Harmonic Distortion
–81
dB
VREF = 3.5 V pk-pk; all 1s loaded, f = 1 kHz
Digital THD Clock = 1 MHz
50 kHz fOUT
73
dB
Output Noise Spectral Density
25
nV/
√Hz
@ 1 kHz


同様の部品番号 - AD5432BRM

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5432 AD-AD5432 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5432 AD-AD5432 Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5432 AD-AD5432 Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5432 AD-AD5432 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5432 AD-AD5432 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results

同様の説明 - AD5432BRM

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5449YRUZ AD-AD5449YRUZ Datasheet
619Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
REV. C
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com