データシートサーチシステム |
|
TPK2412S-3W データシート(PDF) 2 Page - Toppower Electronic Technology Limited |
|
TPK2412S-3W データシート(HTML) 2 Page - Toppower Electronic Technology Limited |
2 / 3 page TPK-3W Series www.gztoppower.com TEL:020-61038836 EMAIL:sales@gztoppower.com page 2 of 3 INPUT CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Voltage range 3.3V input 2.9 3.3 3.6 V Voltage range 5V input 4.5 5 5.5 V Voltage range 12V input 11 12 13 V Voltage range 15V input 13.4 15 16.4 V Voltage range 24V input 22 24 26 V OUTPUT CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Rated Power TA=-40°C to 85°C 3 W Voltage Set Point Accuracy See tolerance envelope Line regulation High Vin to low Vin 1.0 1.2 %/% ABSOLUTE MAXIMUM RATINGS Lead temperature 1.5mm from case for 10 seconds 300°C Internal power dissipation 650mW Input voltage Vin, TPK03 5.5V Input voltage Vin, TPK05 7V Input voltage Vin, TPK12 15V Input voltage Vin, TPK15 18V Input voltage Vin, TPK24 28V ISOLATION CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Isolation test voltage Tested for 1 minute 3000 VDC Resistance Viso= 1000VDC 1 GΩ GENERAL CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Switching frequency 65 kHz TEMPER ATURE CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Specification All output -40 85 ℃ Storage -50 150 ℃ Case Temperature above ambient 5V output 30 ℃ Case Temperature above ambient All other output 30 ℃ Cooling Free air convection TEMPERATURE DERATING GRAPHS TOLERANCE ENVELOPES Typical Load Line 10 25 50 75 100 -4% 2% NOM V +5% Output Load Current(%) 0% Safe Operating Area 85° C Ambient Temperature(° C) 150 100 50 0 -40 0 1.5 3.0 4.5 TOPPOWER |
同様の部品番号 - TPK2412S-3W |
|
同様の説明 - TPK2412S-3W |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |