データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPK2412DA-3W データシート(PDF) 3 Page - Toppower Electronic Technology Limited

部品番号 TPK2412DA-3W
部品情報  3W 3KVDC Isolated Single And Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOPPOWER [Toppower Electronic Technology Limited]
ホームページ  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPK2412DA-3W データシート(HTML) 3 Page - Toppower Electronic Technology Limited

  TPK2412DA-3W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPK2412DA-3W Datasheet HTML 2Page - Toppower Electronic Technology Limited TPK2412DA-3W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPK-3W Series
www.gztoppower.com
TEL:020-61038836 EMAIL:sales@gztoppower.com
page 3 of 3
All dimensions in mm ±0.25mm .
All pins on a 2.54mm pitch and within ±0.25mm of true position.
Weight: 2.8g
* Pin not fitted on single output variants
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Dual Output Variants
14 PIN DIP
Pin
Function
1-Vin
7
NC
8+Vout
90V
10
-Vout
14
+Vin
7 PIN SIP
Pin
Function
1+Vin
2-Vin
5-Vout
60V
7+Vout
Single output variants
14 PIN DIP
Pin
Function
1
-Vin
7
NC
8
+Vout
10
-Vout
14
+Vin
7 PIN SIP
Pin
Function
1
+Vin
2
-Vin
5
-Vout
7
+Vout
RECOMMENDED FOOTPRINT DETAILS
14Pin DIP
7Pin SIP
TUBE OUTLINE DIMENSIONS
14Pin DIP
7Pin SIP
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300℃for 10 seconds. The series is backward compatible with
Sn/Pb soldering systems
Unless otherwise stated all dimensions in mm ±0.5mm.
2.54
4 HOLES
1.00
1.15
9.30
5.00
Unless otherwise stated all dimensions in mm ±0.5mm.
Tube length : 520mm ±2mm.
Tube Quantity : 25PCS
Unless otherwise stated all dimensions in mm ±0.5mm.
2.54
6
1.00
1.15 6HOLES
12.00
5.05
0.65
Unless otherwise stated all dimensions in mm ±0.5mm.
Tube length : 520mm ±2mm.
Tube Quantity : 25PCS
0.30
0.20
15.24
1.45
1.00
2.54
0.4Min
YYWW
TPK0505SA-3W
19.50
0.50
1 2
5
2.52
1.54
7
7.50
10.00
4.60
3.60
0.40Min
bottom view
6
*
TPK0505D-3W
YYWW
19.50
2.54
2.13
15.24
0.55
0.45
1
7
8
9
10
14
9.80
7.70
3.60
4.60
1.09
7.62
0.20
0.30
*
bottom view
TOPPOWER
TOPPOWER
DIP Package
SIP Package
TOPPOWER


同様の部品番号 - TPK2412DA-3W

メーカー部品番号データシート部品情報
logo
Toppower Electronic Tec...
TPK2412DA-3W TOPPOWER-TPK2412DA-3W Datasheet
640Kb / 3P
   3W 3KVDC Isolated Single And Dual Output DC/DC Converters
More results

同様の説明 - TPK2412DA-3W

メーカー部品番号データシート部品情報
logo
Toppower Electronic Tec...
TPK-3W TOPPOWER-TPK-3W Datasheet
640Kb / 3P
   3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPH-3W TOPPOWER-TPH-3W Datasheet
834Kb / 4P
   3W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MEV3 MURATA-PS-MEV3 Datasheet
129Kb / 5P
   3kVDC Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPG-3W TOPPOWER-TPG-3W Datasheet
645Kb / 3P
   3W 3KVDC Isolated Single Output DC/DC Converters
TPA3.3V TOPPOWER-TPA3.3V Datasheet
724Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA-W25 TOPPOWER-TKA-W25_V01 Datasheet
802Kb / 4P
   0.25W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPK TOPPOWER-TPK_19 Datasheet
738Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPAT-2W TOPPOWER-TPAT-2W_19 Datasheet
772Kb / 4P
   2W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPK TOPPOWER-TPK Datasheet
641Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPA48V TOPPOWER-TPA48V Datasheet
647Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com