データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7477AAKS-500RL7 データシート(PDF) 6 Page - Analog Devices

部品番号 AD7477AAKS-500RL7
部品情報  2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7477AAKS-500RL7 データシート(HTML) 6 Page - Analog Devices

Back Button AD7477AAKS-500RL7 Datasheet HTML 2Page - Analog Devices AD7477AAKS-500RL7 Datasheet HTML 3Page - Analog Devices AD7477AAKS-500RL7 Datasheet HTML 4Page - Analog Devices AD7477AAKS-500RL7 Datasheet HTML 5Page - Analog Devices AD7477AAKS-500RL7 Datasheet HTML 6Page - Analog Devices AD7477AAKS-500RL7 Datasheet HTML 7Page - Analog Devices AD7477AAKS-500RL7 Datasheet HTML 8Page - Analog Devices AD7477AAKS-500RL7 Datasheet HTML 9Page - Analog Devices AD7477AAKS-500RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
REV. C
–6–
AD7476A/AD7477A/AD7478A
TIMING SPECIFICATIONS1 (V
DD = 2.35 V to 5.25 V; TA = TMIN to TMAX, unless otherwise noted.)
Limit at TMIN, TMAX
Parameter
AD7476A/AD7477A/AD7478A
Unit
Description
fSCLK
2
10
kHz min
3
A, B Grades
20
kHz min
3
Y Grade
20
MHz max
tCONVERT
16
tSCLK
AD7476A
14
tSCLK
AD7477A
12
tSCLK
AD7478A
tQUIET
50
ns min
Minimum Quiet Time Required between Bus Relinquish
and Start of Next Conversion
t1
10
ns min
Minimum
CS Pulse Width
t2
10
ns min
CS to SCLK Setup Time
t3
4
22
ns max
Delay from
CS until SDATA Three-State Disabled
t4
4
40
ns max
Data Access Time after SCLK Falling Edge
t5
0.4 tSCLK
ns min
SCLK Low Pulse Width
t6
0.4 tSCLK
ns min
SCLK High Pulse Width
t7
5
SCLK to Data Valid Hold Time
10
ns min
VDD
≤ 3.3 V
9.5
ns min
3.3 V < VDD
≤ 3.6 V
7
ns min
VDD > 3.6 V
t8
6
36
ns max
SCLK Falling Edge to SDATA High Impedance
See Note 7
ns min
SCLK Falling Edge to SDATA High Impedance
tPOWER-UP
8
1
µs max
Power-Up Time from Full Power-Down
NOTES
1Guaranteed by characterization. All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and timed from a voltage level of 1.6 V.
2Mark/space ratio for the SCLK input is 40/60 to 60/40.
3Minimum f
SCLK at which specifications are guaranteed.
4Measured with the load circuit of Figure 1 and defined as the time required for the output to cross 0.8 V or 1.8 V when V
DD = 2.35 V and 0.8 V or 2.0 V for VDD > 2.35 V.
5Measured with 50 pF load capacitor.
6t
8 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number i s then extrapolated
back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t8, quoted in the timing characteristics is the true bus relinquish
time of the part and is independent of the bus loading.
7t
7 values also apply to t8 minimum values.
8See Power-Up Time section.
Specifications subject to change without notice.
TO OUTPUT
PIN
CL
50pF
200 A
IOH
200 A
IOL
1.6V
Figure 1. Load Circuit for Digital Output Timing Specifications


同様の部品番号 - AD7477AAKS-500RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477AAKSZ-500RL7 AD-AD7477AAKSZ-500RL7 Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7477AAKSZ-REEL AD-AD7477AAKSZ-REEL Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
More results

同様の説明 - AD7477AAKS-500RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7922 AD-AD7922_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912 Datasheet
386Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7921ARMZ AD-AD7921ARMZ Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com