データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7477AAKS-500RL7 データシート(PDF) 7 Page - Analog Devices

部品番号 AD7477AAKS-500RL7
部品情報  2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7477AAKS-500RL7 データシート(HTML) 7 Page - Analog Devices

Back Button AD7477AAKS-500RL7 Datasheet HTML 3Page - Analog Devices AD7477AAKS-500RL7 Datasheet HTML 4Page - Analog Devices AD7477AAKS-500RL7 Datasheet HTML 5Page - Analog Devices AD7477AAKS-500RL7 Datasheet HTML 6Page - Analog Devices AD7477AAKS-500RL7 Datasheet HTML 7Page - Analog Devices AD7477AAKS-500RL7 Datasheet HTML 8Page - Analog Devices AD7477AAKS-500RL7 Datasheet HTML 9Page - Analog Devices AD7477AAKS-500RL7 Datasheet HTML 10Page - Analog Devices AD7477AAKS-500RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REV. C
AD7476A/AD7477A/AD7478A
–7–
Timing Example 1
Having fSCLK = 20 MHz and a throughput of 1 MSPS gives a
cycle time of t2 + 12.5 (1/fSCLK) + tACQ = 1
µs. With t
2 = 10 ns min,
this leaves tACQ to be 365 ns. This 365 ns satisfies the requirement
of 250 ns for tACQ. From Figure 3, tACQ is comprised of 2.5 (1/fSCLK)
+ t8 + tQUIET, where t8 = 36 ns max. This allows a value of 204 ns
for tQUIET, satisfying the minimum requirement of 50 ns.
CS
SCLK
SDATA
t2
t6
t3
t4
t7
t5
t8
tCONVERT
tQUIET
ZERO
ZERO
ZERO
DB11
DB10
DB2
DB1
DB0
B
THREE-STATE
THREE-
STATE
Z
4 LEADING ZEROS
12
345
13
14
15
16
t1
Figure 2. AD7476A Serial Interface Timing Diagram
CS
SCLK
t2
tCONVERT
B
1
234
5
13
14
15
16
C
t8
tQUIET
tACQ
12.5(1/fSCLK)
1/THROUGHPUT
Figure 3. Serial Interface Timing Example
Timing Example 2
Having fSCLK = 5 MHz and a throughput of 315 kSPS gives a
cycle time of t2 + 12.5 (1/fSCLK) + tACQ = 3.174
µs. With t
2 =
10 ns min, this leaves tACQ to be 664 ns. This 664 ns satisfies
the requirement of 250 ns for tACQ. From Figure 3, tACQ is
comprised of 2.5 (1/fSCLK) + t8 + tQUIET, t8 = 36 ns max. This
allows a value of 128 ns for tQUIET, satisfying the minimum
requirement of 50 ns. As in this example and with other slower
clock values, the signal may already be acquired before the
conversion is complete, but it is still necessary to leave 50 ns
minimum tQUIET between conversions. In Example 2, the
signal should be fully acquired at approximately Point C in
Figure 3.


同様の部品番号 - AD7477AAKS-500RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477AAKSZ-500RL7 AD-AD7477AAKSZ-500RL7 Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7477AAKSZ-REEL AD-AD7477AAKSZ-REEL Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
More results

同様の説明 - AD7477AAKS-500RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7922 AD-AD7922_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912 Datasheet
386Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7921ARMZ AD-AD7921ARMZ Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com