データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

744775360 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 744775360
部品情報  WE-ASI SMD Wire Wound Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744775360 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744775360 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744775360 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744775360 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744775360 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744775360 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3.3
3.2
3.1
3.0
2.0
REV
2014-11-12
2014-06-24
2014-01-08
2013-04-30
2004-10-11
DATE
SSt
SSt
SSt
SSt
MST
BY
ALa
SSt
SSt
ALa
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-ASI SMD Wire Wound Inductor
Order.- No.
744775360
SIZE
A4
Size: Sensor
A Dimensions: [mm]
Reference on drawing
Marking
Description
Start of winding
602 (Inductance Code)
B Recommended land pattern: [mm]
D Electrical Properties:
Properties
Inductance
Capacitance
DC Resistance
DC Resistance
Rated current
Saturation current
Self resonant frequency
Test conditions
1 kHz/ 250 mV
@ 20°C
@ 20°C
ΔT = 40K
|ΔL/L| < 10%
L
C
RDC
RDC
IR
Isat
fres
Value
6.0
12
18.0
16.7
0.18
0.09
600
Unit
mH
µF
Ω
Ω
A
A
kHz
Tol.
± 10%
ref.
max.
typ.
max.
typ.
min.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
•Ambient temperature: -40°C to +85°C (refering to IR)
•Operating temperature: -40°C to +125°C
•Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 744775360

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
744775360 ETC2-744775360 Datasheet
90Kb / 2P
   WE-ASI SMD Wire Wound Inductor
More results

同様の説明 - 744775360

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744776333 WURTH-744776333 Datasheet
806Kb / 5P
   WE-ASI SMD Wire Wound Inductor
74458303 WURTH-74458303 Datasheet
1Mb / 5P
   WE-ASI SMD Wire Wound Inductor
744776381 WURTH-744776381 Datasheet
807Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744776360 WURTH-744776360 Datasheet
1,013Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744775330 WURTH-744775330 Datasheet
782Kb / 5P
   WE-ASI SMD Wire Wound Inductor
logo
List of Unclassifed Man...
744775330 ETC2-744775330 Datasheet
90Kb / 2P
   WE-ASI SMD Wire Wound Inductor
logo
Wurth Elektronik GmbH &...
744775347 WURTH-744775347 Datasheet
782Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744775380 WURTH-744775380 Datasheet
783Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744776347 WURTH-744776347 Datasheet
806Kb / 5P
   WE-ASI SMD Wire Wound Inductor
74458308 WURTH-74458308 Datasheet
1Mb / 5P
   WE-ASI SMD Wire Wound Inductor
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com