データシートサーチシステム |
|
CX05N225K データシート(PDF) 10 Page - Kemet Corporation |
|
CX05N225K データシート(HTML) 10 Page - Kemet Corporation |
10 / 15 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2039_T322_AXIAL_T323 • 9/9/2015 10 10 Tantalum Through-Hole Capacitors – Molded Axial T322 and T323 Series MIL–PRF 49137/1 & 5 (CX01 and CX05 Style) Recommended Voltage Derating Guidelines -55°C to 85°C 85°C to 125°C %ChangeinWorkingDC Voltage with Temperature V R 66% of V R Ripple Current/Ripple Voltage Permissible AC ripple voltage and current are related to equivalent seriesresistance(ESR)andthepowerdissipationcapabilitiesof thedevice.PermissibleACripplevoltagethatmaybeappliedis limitedbyfollowingcriteria: 1.Dissipatedpowermustnotexceedthelimitsspecifiedforthe Series. 2.ThepositivepeakACvoltageplustheDCbiasvoltage,ifany, mustnotexceedtheDCvoltageratingofthecapacitor. 3. The negative peak AC voltage in combination with bias voltage,ifany,mustnotexceedtheallowablelimitsspecifiedfor reverse voltage. Thermal capacities for the various case sizes have been determinedempiricallyandarelistedbelow.The“ripplevoltage” permissiblemaybecalculatedfromtheimpedanceandESRdata shown in the respective product section. Temperature Compensation Multipliers for Maximum Power Dissipation T≤25°C T≤85°C T≤125°C 1.00 0.90 0.40 T= Environmental Temperature Maximumallowablermsripplevoltageorcurrentmaybe determined as follows: I(max) = √P max/R E(max) = √P max/R I = rms ripple current (amperes) E = rms ripple voltage (volts) P max = Maximum power dissipation (watts) R = ESR at specified frequency (ohms) Case Size Maximum Power Dissipation (Pmax) Watts @ 25°C A 0.060 B 0.070 C 0.080 D 0.090 E 0.100 F 0.110 0% 20% 40% 60% 80% 100% 120% -55 25 45 85 105 125 Temperature (°C) % Change in Working DC Voltage with Temperature 67% |
同様の部品番号 - CX05N225K |
|
同様の説明 - CX05N225K |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |