データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL80173WP データシート(PDF) 1 Page - Laird Tech Smart Technology

部品番号 SL80173WP
部品情報  Neutral color and dimunuitive profile
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LSTD [Laird Tech Smart Technology]
ホームページ  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SL80173WP データシート(HTML) 1 Page - Laird Tech Smart Technology

  SL80173WP Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
global solutions: local support
TM
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +1.32.80.7866.12
IAS-EUSales@lairdtech.com
Asia: +1.65.6.243.8022
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
Innovative Technology
for a Connected World
FEATURES
Wide-band frequency coverage
for GSM, DCS, and UMTS
Tri-port design eliminates costly diplexers
Neutral color and dimunuitive profile
SL80173WP
Tri-Band Omni Antenna
TRI-BAND: 880-960, 1710-1880 AND 1920-2170 MHz
CEILING MOUNT OMNI-DIRECTIONAL PANEL ANTENNA
The Laird Technologies SL80173WP is a tri-band, linearly polarized 3 dBi omnidirectional
panel antenna. Specifically shaped for optimal performance from a ceiling mount location,
the pattern is optimized for indoor coverage requirements at 880-960, 1710-1880, and
1920-2170 MHz for the GSM, DCS, and UMTS frequency bands. The antenna is also uniform
and symmetrical, allowing systems integrators the ability to precisely determine cell size—a
major benefit in determining cell overlap and density for in-building systems.
With a small footprint and slim silhouette, the antenna is ideal for any office or retail space
where a premium is placed on complementary, unobtrusive aesthetics. Standard with
three integrated plenum-rated coax pigtails and N female connectors, the SL80173WP also
accomodates alternative coax and connector implementations.
PARAMETER
SPECIFICATION
Frequency Range (MHz)
880-960, 1710-1880
1920-2170
Gain (dBi)
3 (nominal)
E-Plane Beamwidth
70° / 60° / 60°
H-Plane Beamwidth
Omni-directional
Polarization
Linear
Weight (Ant. Only) lb. (kg)
0.75 (0.34)
VSWR
2.0:1
Mount Style
Ceiling mount
Dimensions (in)
6” x 6” x 1.25”
Pigtail
12”
Enclosure
ABS
Power (Watts)
2
RF Connectors
N (f)
MARKETS
Corporate offices
Shopping malls
Transportation centers
ANT-DS-SL80173WP 0509
Any information furnished by Laird Technologies and its agents is believed to be accurate and reliable. Responsibility for the use and application of Laird Technologies materials rests with the end
user since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness, merchantability, or suitability of any Laird Technologies
materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to
the Laird Technologies terms and conditions of sale in effect from time to time, a copy of which will be furnished upon request. All Laird Technologies’ products are sold pursuant to the
Laird Technologies’ terms and conditions of sale in effect from time to time, a copy of which will be furnished upon request.
© 2009 All Rights Reserved. Laird Technologies is a registered trademark of Laird Technologies, Inc
E90-Plane
E-Plane
Omni


同様の部品番号 - SL80173WP

メーカー部品番号データシート部品情報
logo
Electronic devices inc.
SL800 EDI-SL800 Datasheet
43Kb / 2P
   FAST RECOVERY, 100ns.HIGH VOLTAGE 40 ma, MINIATURE RECTIFIERS
logo
Laird Tech Smart Techno...
SL8025WP LSTD-SL8025WP Datasheet
522Kb / 1P
   Integrated N male connector
More results

同様の説明 - SL80173WP

メーカー部品番号データシート部品情報
logo
Laird Tech Smart Techno...
SQ24493P LSTD-SQ24493P Datasheet
722Kb / 1P
   Neutral color and diminutive profile
SL17182P LSTD-SL17182P Datasheet
908Kb / 1P
   Neutral color and low silhouette
CMS69273P LSTD-CMS69273P Datasheet
398Kb / 3P
   Low Profile aesthetically neutral housing
LPS69273NT LSTD-LPS69273NT Datasheet
830Kb / 5P
   Low Profile aesthetically neutral housing
CMQ23496-0815 LSTD-CMQ23496-0815 Datasheet
1Mb / 4P
   Low Profile aesthetically neutral housing
CFS60383P LSTD-CFS60383P Datasheet
2Mb / 4P
   Low profile aesthetically neutral housing
CMM24513S4 LSTD-CMM24513S4 Datasheet
302Kb / 3P
   Low profile aesthetically neutral housing
SL6927PTL LSTD-SL6927PTL Datasheet
811Kb / 2P
   Low profile aesthetically neutral housing
LPS69223NT LSTD-LPS69223NT Datasheet
1Mb / 5P
   Low Profile aesthetically neutral housing
CMQ69273P LSTD-CMQ69273P Datasheet
1Mb / 5P
   Low Profile aesthetically neutral housing
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com