データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC752600PAFNBNXZC-PF データシート(PDF) 1 Page - Advanced Crystal Technology

部品番号 TC752600PAFNBNXZC-PF
部品情報  TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACT [Advanced Crystal Technology]
ホームページ  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TC752600PAFNBNXZC-PF データシート(HTML) 1 Page - Advanced Crystal Technology

  TC752600PAFNBNXZC-PF Datasheet HTML 1Page - Advanced Crystal Technology TC752600PAFNBNXZC-PF Datasheet HTML 2Page - Advanced Crystal Technology TC752600PAFNBNXZC-PF Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(V)TCSW75 Series
From ±0.5ppm stability over 0°C to 50°C
ESD sensitive and moisture sensitive level (MSL) ‐ 1
                                   Parameters                                                                                      Specification                                                                        Remarks
 Frequency range 
F_nom  10.0MHz ~ 50.0MHz
 
 Supply voltage
Vcc  3.3V, 5.0V
 
 Initial frequency tolerance  
F_tol  <±1.0ppm  At +25°C±2°C
 Frequency stability 
 vs Temperature
F_stb  ±0.5ppm ~ ±3.0ppm
 Table 1
 vs Load
F_load  ±0.2ppm max.  ±10% load condition change
 vs Voltage
F_Vcc  ±0.2ppm max.  ±5% input voltage change
 vs Aging
F_age  ±1.0ppm/year max.
 At +25°C
 vs Reflow
 ±1.0ppm/year max.
 1 reflow and measured after 24hrs
 Operating temperature range (°C)
Topr  0°C ~ +50°C to ‐40°C ~ +85°C
 Table 2
 Storage temperature (°C)
Tstg  ‐55°C ~ +125°C
 Output wave form
 Clipped sine wave
 Output voltage level
 0.8V p‐p (min.)
 Output load
 10KΩ//10pF
 Output format
 DC block, AC coupled.
 Current consumption
Icc
 10.0~15MHz: 1.5mA, 15.01~26.0MHz: 2.0mA    
 26.01~40.0MHz: 2.5mA
 Start‐up time
T_str  2.0m sec (typ.), 5.0m sec. (Max.)
 Reach 90% amplitude at +25°C±2°C
 VC‐TCXO option only
 Control Voltage
 Vc  1.5V ± 1.0V
 For both Vcc = 3.3V and 5.0V
 Frequency tuning (ppm)
 ±5.0ppm
 Linearity/Slope polarity
 ±10.0% max/Positive slope
 Positive voltage for positive frequency  shift 
 Input impedance  1.0MΩ min
 Modulation bandwidth  3.0kHz min
 Table 2 Frequency stability vs Temperature
 Temp. (°C)
 Stability in ppm
±0.5
±1.0
±1.5
±2.0
±2.5
±3.0
   0°C to 50°C 
√√√√
‐10°C to 60°C 
Enq.
√√√√
‐20°C to 70°C 
X
√√√√
‐30°C to 75°C 
X
√√√√
‐30°C to 85°C 
X
√√√√
‐40°C to 85°C 
XEnq.
√√√√
             Phase noise (13.0MHz example)                         dBc/Hz typical
10Hz
‐80
100Hz
‐115
1kHz
‐135
10kHz
‐148
100kHz
‐148
Pad 1 : Control voltage (VCTCXO). No connection(TCXO)
Pad 2 : Ground
Pad 3 : Output
Pad 4 : Supply Voltage
Advanced Crystal Technology (A wholly owned Acal BFi Company)
Tel: +44 (0) 118 978 8878  Email info@actcrystals.com / www.actcrystals.com 
ISO9001 Registered 
Specifications subject to change without notification 
TCXO/VC‐TCXO, 7.0 x 5.0mm, Clipped sine wave
Dimensions (Unit:mm)
7.0
1.40
5.4
1.8
5.7
1
2
3
4
1
2
3
4
Top view
Bottom view
1
2
3
4
Land pattern
0.30


同様の部品番号 - TC752600PAFNBNXZC-PF

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
TC75202 CDE-TC75202 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
TC75251 CDE-TC75251 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
More results

同様の説明 - TC752600PAFNBNXZC-PF

メーカー部品番号データシート部品情報
logo
Advanced Crystal Techno...
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TSK3225 ACT-TSK3225 Datasheet
752Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TCT75-4 ACT-TCT75-4_17 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
01/02/2017
TFCT75 ACT-TFCT75 Datasheet
768Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, HCMOS, Programmable
25042016
TCT75-4 ACT-TCT75-4 Datasheet
766Kb / 3P
   TCXO/VC-TCXO 7.0 x 5.0mm, HCMOS/TTL
25042016
TDLV75 ACT-TDLV75 Datasheet
866Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, LVDS output
25042016
logo
QUARTZCOM the communica...
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TPL75 ACT-TPL75 Datasheet
2Mb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, LVPECL output
25042016
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com