データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UZO24.121 データシート(PDF) 5 Page - PULS GmbH

部品番号 UZO24.121
部品情報  BATTERY MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULS [PULS GmbH]
ホームページ  http://www.pulspower.com/
Logo PULS - PULS GmbH

UZO24.121 データシート(HTML) 5 Page - PULS GmbH

  UZO24.121 Datasheet HTML 1Page - PULS GmbH UZO24.121 Datasheet HTML 2Page - PULS GmbH UZO24.121 Datasheet HTML 3Page - PULS GmbH UZO24.121 Datasheet HTML 4Page - PULS GmbH UZO24.121 Datasheet HTML 5Page - PULS GmbH UZO24.121 Datasheet HTML 6Page - PULS GmbH UZO24.121 Datasheet HTML 7Page - PULS GmbH UZO24.121 Datasheet HTML 8Page - PULS GmbH UZO24.121 Datasheet HTML 9Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UZK24.121, UZO24.121
U-Series
BATTERY MODULE 24V, 12AH
12. UZS24.100 SENSOR BOARD
5/9
The battery module includes the monitoring
and protection board UZS24.100. This board
contains a temperature sensor and a center-
tap connection with an auto-resettable fuse to
protect the center-tap wire between the
battery module and the DC-UPS control unit.
The UZS24.100 is compatible with most of the
PULS DC-UPS control units and enables all the
benefits of the PULS 1-Battery-Concept.This
makes the use of matched replacement
batteries unnecessary and allows a precise battery charging and testing which results in the longest possible battery
life.
The use of the sensor board is optional, the DC-UPS will also function without the sensor board installed.
Screw terminal specification:
Solid wire
0.5-1.5mm2
Stranded wire
0.5-1.5mm2
American Wire Gauge
AWG20-12
Max. wire diameter
1.5mm (including ferrules)
Wire stripping length
6mm / 0.25inch
Screwdriver
3x 0.5mm slotted
Recommended tightening torque
0.5Nm/ 4lb-in
Follow national installation codes and installation regulations!
Ensure that all strands of a stranded wire enter the terminal connection!
Unused terminals should be securely tightened.
Ferrules are allowed.
Jul. 2014 / Rev. 1.2 DS-UZK24.121-EN
All parameters are specified at, 25°C ambient temperature unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


同様の部品番号 - UZO24.121

メーカー部品番号データシート部品情報
logo
PULS GmbH
UZO24.121 PULS-UZO24.121 Datasheet
376Kb / 11P
   BATTERY MODULE 24V, 12AH
More results

同様の説明 - UZO24.121

メーカー部品番号データシート部品情報
logo
Solid States Devices, I...
PM0013 SSDI-PM0013 Datasheet
36Kb / 2P
   BATTERY BYPASS MODULE
logo
TRACO Electronic AG
TIB-BCMU TRACOPOWER-TIB-BCMU Datasheet
580Kb / 7P
   Battery Controller Module
Rev. February 9, 2023
logo
Solid States Devices, I...
PM0013 SSDI-PM0013_15 Datasheet
36Kb / 2P
   BATTERY BYPASS MODULE
SPMS506-01A SSDI-SPMS506-01A Datasheet
132Kb / 2P
   BATTERY BYPASS POWER MODULE
logo
PULS GmbH
UZK24.071 PULS-UZK24.071_17 Datasheet
370Kb / 11P
   BATTERY MODULE 24V, 7AH
UZK12.071 PULS-UZK12.071 Datasheet
380Kb / 9P
   BATTERY MODULE 12V, 7AH
UZK12.261 PULS-UZK12.261_17 Datasheet
403Kb / 10P
   BATTERY MODULE 12V, 26AH
UZK24.121 PULS-UZK24.121_17 Datasheet
376Kb / 11P
   BATTERY MODULE 24V, 12AH
UZK24.071 PULS-UZK24.071 Datasheet
386Kb / 9P
   BATTERY MODULE 24V, 7AH
UZK12.071 PULS-UZK12.071_17 Datasheet
423Kb / 11P
   BATTERY MODULE 12V, 7AH
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com