データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS3140-INE3 データシート(PDF) 2 Page - Semtech Corporation

部品番号 GS3140-INE3
部品情報  Multi-Rate Adaptive 3G SDI Equalizer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3140-INE3 データシート(HTML) 2 Page - Semtech Corporation

  GS3140-INE3 Datasheet HTML 1Page - Semtech Corporation GS3140-INE3 Datasheet HTML 2Page - Semtech Corporation GS3140-INE3 Datasheet HTML 3Page - Semtech Corporation GS3140-INE3 Datasheet HTML 4Page - Semtech Corporation GS3140-INE3 Datasheet HTML 5Page - Semtech Corporation GS3140-INE3 Datasheet HTML 6Page - Semtech Corporation GS3140-INE3 Datasheet HTML 7Page - Semtech Corporation GS3140-INE3 Datasheet HTML 8Page - Semtech Corporation GS3140-INE3 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
GS3140
Final Data Sheet
Rev.1
PDS-060939
May 2015
2 of 40
Semtech
Proprietary & Confidential
www.semtech.com
The differential output can be DC-coupled to Semtech’s
reclockers and cable drivers, as well as industry-standard
+1.2V, +1.8V and +2.5V CML logic by changing the voltage
applied to the VCC_O pin.
The GS3140 also features programmable output
de-emphasis with eight user-selectable operating levels to
support long PCB traces at the output of the device. The
output swing can be programmed, via the user interface,
from approximately 250mVppd to 1Vppd in 50mVppd steps.
The device comes in a 16-pin, 4mm x 4mm QFN–COL
package.
Power consumption of the GS3140 is typically 84mW when
DC-coupled to a +1.2V termination voltage with
OUTPUT_SWING = 0011b (see Table 4-2).
The GS3140 is Pb-free, and the encapsulation compound
does not contain halogenated flame retardant.
This component and all homogeneous subcomponents are
RoHS compliant.
GS3140 Functional Block Diagram
Control and Status
Equalizer
DC Restore
Output Trace
Driver
AGC
VCC_A
SDI
VEE_A
AGC
VEE_O
DDO
VCC_O
SCLK
SDIN
SDOUT
SDI
AGC
DDO
CS
INT
VCC_D


同様の部品番号 - GS3140-INE3

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
logo
Gennum Corporation
GS3140 GENNUM-GS3140 Datasheet
1Mb / 40P
   Digital cable length indication
More results

同様の説明 - GS3140-INE3

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
logo
Gennum Corporation
GS1524 GENNUM-GS1524_11 Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS3241 SEMTECH-GS3241 Datasheet
4Mb / 108P
   3G-SDI Re-timing Adaptive Cable Equalizer
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
Semtech Corporation
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
   Multi-Rate 6G UHD-SDI Equalizer
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
   3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS3590 SEMTECH-GS3590 Datasheet
4Mb / 118P
   Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com