データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FML0V223ZFTP16 データシート(PDF) 2 Page - Kemet Corporation

部品番号 FML0V223ZFTP16
部品情報  Supercapacitors FM Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

FML0V223ZFTP16 データシート(HTML) 2 Page - Kemet Corporation

  FML0V223ZFTP16 Datasheet HTML 1Page - Kemet Corporation FML0V223ZFTP16 Datasheet HTML 2Page - Kemet Corporation FML0V223ZFTP16 Datasheet HTML 3Page - Kemet Corporation FML0V223ZFTP16 Datasheet HTML 4Page - Kemet Corporation FML0V223ZFTP16 Datasheet HTML 5Page - Kemet Corporation FML0V223ZFTP16 Datasheet HTML 6Page - Kemet Corporation FML0V223ZFTP16 Datasheet HTML 7Page - Kemet Corporation FML0V223ZFTP16 Datasheet HTML 8Page - Kemet Corporation FML0V223ZFTP16 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6012_FM • 10/5/2016
Supercapacitors – FM Series
Dimensions – Millimeters
D1 ±0.1
D2 ±0.1
B ±0.5
5 ±0.5
T ±0.5
Part Number
A
B
T
D
1
D
2
FM0H103ZF
11.5
10.5
5.0
0.5
0.4
FM0H223ZF
11.5
10.5
5.0
0.5
0.4
FM0H473ZF
11.5
10.5
5.0
0.5
0.4
FM0H104ZF
11.5
10.5
6.5
0.5
0.4
FM0H224ZF
11.5
10.5
6.5
0.5
0.4
FM0V473ZF
11.5
10.5
5.0
0.5
0.4
FM0V104ZF
11.5
10.5
5.0
0.5
0.4
FM0V224ZF
11.5
10.5
6.5
0.5
0.4
FM0J473ZF
11.5
10.5
6.5
0.5
0.4
FME0H223ZF
11.5
10.5
5.0
0.5
0.4
FME0H473ZF
11.5
10.5
5.0
0.5
0.4
FML0H333ZF
11.5
10.5
5.0
0.5
0.4
FMR0H473ZF
11.5
10.5
6.5
0.5
0.4
FMR0H104ZF
11.5
10.5
6.5
0.5
0.4
FMR0V104ZF
11.5
10.5
6.5
0.5
0.4
FMC0H473ZF
11.5
10.5
5.0
0.5
0.4
FMC0H104ZF
11.5
10.5
6.5
0.5
0.4
FMC0H334ZF
15.0
14.0
9.0
0.6
0.6
Lead Terminal Forming
L=2.2 to 5mm
Lead length designation
For transverse mounting <L1>
Add “L1” to the end of bulk part number for transverse mounting option


同様の部品番号 - FML0V223ZFTP16

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
FML0220 RECTRON-FML0220 Datasheet
320Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
FML0220L RECTRON-FML0220L Datasheet
355Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
FML0230 RECTRON-FML0230 Datasheet
320Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
FML0230L RECTRON-FML0230L Datasheet
355Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
FML0240 RECTRON-FML0240 Datasheet
320Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
More results

同様の説明 - FML0V223ZFTP16

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
   Supercapacitors FS Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com