データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4148WL-SOD123FL データシート(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

部品番号 1N4148WL-SOD123FL
部品情報  LED lights dedicated high-speed switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
ホームページ  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

1N4148WL-SOD123FL データシート(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  1N4148WL-SOD123FL Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 1N4148WL-SOD123FL Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 1N4148WL-SOD123FL Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100
200
300
400
500
0.0
25
50
75
100
125
150
175
Fig.1 Forward Current Derating Curve
Ambient Temperature (
°C)
Fig.3 Typical Instaneous Forward
Characteristics
0.2
0.4
0.6
1.2
1.4
0.0
1.0
10
1000
Instaneous Forward Voltage (V)
Fig.2 Typical Reverse Characteristics
0.01
0.1
1
100
20
40
60
80
100
120
00
percent of Rated Peak
Voltage (%)
Reverse
Fig.4 Typical Junction Capacitance
1.0
10
100
0.1
1
10
100
Reverse Voltage (V)
T =25
J
°C
10
T =25
J
°C
T =150
J
°C
0.8
1.0
1.6
1N4148WL
100
T =25
J
°C
www.yfwdiode.com


同様の部品番号 - 1N4148WL-SOD123FL

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
1N4148WL MCC-1N4148WL Datasheet
482Kb / 3P
   High Speed Switching Diode 400mW
logo
Guangdong Juxing Electr...
1N4148WL JUXING-1N4148WL Datasheet
1Mb / 2P
   400mW Surface Mount Switching Didoe
logo
DONGGUAN YOU FENG WEI E...
1N4148WL YFWDIODE-1N4148WL Datasheet
458Kb / 3P
   LED lights dedicated high-speed switching diode
1N4148WL YFWDIODE-1N4148WL Datasheet
458Kb / 3P
   LED lights dedicated high-speed switching diode
logo
Rectron Semiconductor
1N4148WL RECTRON-1N4148WL Datasheet
122Kb / 5P
   LED lights dedicated high-speed switching diode
More results

同様の説明 - 1N4148WL-SOD123FL

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
1N4148WL RECTRON-1N4148WL Datasheet
122Kb / 5P
   LED lights dedicated high-speed switching diode
logo
DONGGUAN YOU FENG WEI E...
1N4148WL YFWDIODE-1N4148WL_V01 Datasheet
458Kb / 3P
   LED lights dedicated high-speed switching diode
1N4148WL YFWDIODE-1N4148WL Datasheet
458Kb / 3P
   LED lights dedicated high-speed switching diode
1N4148WSL YFWDIODE-1N4148WSL Datasheet
444Kb / 3P
   LED lights dedicated high-speed switching diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com