データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM-BGA-9033 データシート(PDF) 5 Page - Ironwood Electronics.

部品番号 SM-BGA-9033
部品情報  Low and stable contact resistance for reliable production yield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRONWOOD [Ironwood Electronics.]
ホームページ  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9033 データシート(HTML) 5 Page - Ironwood Electronics.

  SM-BGA-9033 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9033 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9033 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9033 Datasheet HTML 4Page - Ironwood Electronics. SM-BGA-9033 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
23.725±0.050
5.00 (x4)
2.00
28.725
90° (x4)
11.8625 (x4)
6.7
2.7
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Backing Plate
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 10/27/2015
Material:
Finish:
Weight:
SM-BGA-9033 Drawing
SCALE: 2:1
SHEET: 5 OF 5
DRAWN BY: M. Raske
FILE: SM-BGA-9033 Dwg


同様の部品番号 - SM-BGA-9033

メーカー部品番号データシート部品情報
logo
Ironwood Electronics.
SM-BGA-9030 IRONWOOD-SM-BGA-9030 Datasheet
379Kb / 5P
   Easily removalbe swivel socket lid
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9035 IRONWOOD-SM-BGA-9035 Datasheet
407Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9036 IRONWOOD-SM-BGA-9036 Datasheet
465Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results

同様の説明 - SM-BGA-9033

メーカー部品番号データシート部品情報
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com