データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM-BGA-9010 データシート(PDF) 1 Page - Ironwood Electronics.

部品番号 SM-BGA-9010
部品情報  Automated probe manufacturing enables low cost and short lead time
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRONWOOD [Ironwood Electronics.]
ホームページ  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9010 データシート(HTML) 1 Page - Ironwood Electronics.

  SM-BGA-9010 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9010 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9010 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9010 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
62.75
43.06
9.50
11.50
26.23
50.00
42.60
49.225
N
N
TOP VIEW
6.65
3.00
16.60
45.47
26.60
4.05
1.60
SECTION N-N
Features
• Wide temperature range (-55C to +150C).
• Current capability is 4A per pin at 14C temperature rise.
• Over 40GHz bandwidth @-1dB for edge pins
• Low and stable contact resistance for reliable production yield.
• Self inductance under 0.21nH.
• Automated probe manufacturing enables low cost and short lead time.
Silver Ball Matrix Elastomer Clamshell Socket
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Specification
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
SHEET: 1 of 4
SCALE: 1:1
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
SM-BGA-9010 Drawing
STATUS: Released
DRAWN BY: V. Panavala
File: SM-BGA-9010
REV. A
DATE: 8/19/2012
FINISH: 138.86
MATERIAL:
WEIGHT: Material <not specified>


同様の部品番号 - SM-BGA-9010

メーカー部品番号データシート部品情報
logo
Ironwood Electronics.
SM-BGA-9011 IRONWOOD-SM-BGA-9011 Datasheet
375Kb / 5P
   Excellent signal integrity at high frequencies
SM-BGA-9012 IRONWOOD-SM-BGA-9012 Datasheet
385Kb / 4P
   Direct mounts to target PCB with hardware
SM-BGA-9013 IRONWOOD-SM-BGA-9013 Datasheet
248Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9015 IRONWOOD-SM-BGA-9015 Datasheet
504Kb / 5P
   Direct mounts to target PCB with hardware
More results

同様の説明 - SM-BGA-9010

メーカー部品番号データシート部品情報
logo
Ironwood Electronics.
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6038 IRONWOOD-CBT-BGA-6038 Datasheet
287Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7025 IRONWOOD-CBT-BGA-7025 Datasheet
401Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-LGA-5000 IRONWOOD-CBT-LGA-5000 Datasheet
351Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6517 IRONWOOD-SBT-BGA-6517 Datasheet
516Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9007 IRONWOOD-SBT-LGA-9007 Datasheet
249Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-QFE-3009 IRONWOOD-SBT-QFE-3009 Datasheet
538Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com