データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS75615KC データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS75615KC
部品情報  FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS75615KC データシート(HTML) 1 Page - Texas Instruments

  TPS75615KC Datasheet HTML 1Page - Texas Instruments TPS75615KC Datasheet HTML 2Page - Texas Instruments TPS75615KC Datasheet HTML 3Page - Texas Instruments TPS75615KC Datasheet HTML 4Page - Texas Instruments TPS75615KC Datasheet HTML 5Page - Texas Instruments TPS75615KC Datasheet HTML 6Page - Texas Instruments TPS75615KC Datasheet HTML 7Page - Texas Instruments TPS75615KC Datasheet HTML 8Page - Texas Instruments TPS75615KC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
FEATURES
DESCRIPTION
TO–220 (KC) PACKAGE
(TOP VIEW)
1
2
3
4
5
EN
IN
GND
OUTPUT
FB/NC
1
TO–263 (KTT) PACKAGE
(TOP VIEW)
2
3
4
5
EN
IN
GND
OUTPUT
FB/NC
0
50
100
150
200
250
300
350
400
–40 –25 –10 5
20 35 50 65 80 95 110 125
TJ – Junction Temperature – °C
TPS75633
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
IO = 5 A
VO = 3.3 V
t – Time –
µs
TPS75615
LOAD TRANSIENT RESPONSE
–100
0
0
60
40
20
80 100
140
120
160 180 200
0
50
–50
VO = 1.5 V
Co = 100 µF
–150
5
100
150
di
dt
+
1.25 A
ms
TPS75601, TPS75615
TPS75618, TPS75625
TPS75633
SLVS329C – JUNE 2001 – REVISED MARCH 2004
FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
5-A Low-Dropout Voltage Regulator
The TPS756xx family of 5-A low dropout (LDO)
regulators contains four fixed voltage option regu-
Available in 1.5-V, 1.8-V, 2.5-V, and 3.3-V
lators and an adjustable voltage option regulator.
Fixed-Output and Adjustable Versions
These devices are capable of supplying 5 A of output
Dropout Voltage Typically 250 mV at 5 A
current with a dropout of 250 mV (TPS75633).
(TPS75633)
Therefore, the device is capable of performing a
Low 125 µA Typical Quiescent Current
3.3-V to 2.5-V conversion.
Fast Transient Response
Quiescent current is 125 µA at full load and drops
3% Tolerance Over Specified Conditions for
down to less than 1 µA when the device is disabled.
The TPS756xx is designed to have fast transient
Fixed-Output Versions
response for large load current changes.
Available in 5-Pin TO-220 and TO-263 Sur-
face-Mount Packages
Thermal Shutdown Protection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TPS75615KC

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS75615KC TI1-TPS75615KC Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75615KC TI1-TPS75615KC Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75615KCG3 TI1-TPS75615KCG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75615KCG3 TI1-TPS75615KCG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

同様の説明 - TPS75615KC

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI-TPS75515 Datasheet
373Kb / 23P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75525 TI-TPS75525 Datasheet
370Kb / 27P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75618KTTTG3 TI1-TPS75618KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601 TI1-TPS75601 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI1-TPS75515_16 Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515KTTT TI1-TPS75515KTTT Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com