データシートサーチシステム |
|
TPS75633KTTT データシート(PDF) 2 Page - Texas Instruments |
|
|
TPS75633KTTT データシート(HTML) 2 Page - Texas Instruments |
2 / 24 page www.ti.com (1) See application information section for capacitor selection details. NC OUT 2 1 IN EN GND 3 5 4 VI 1 µF VO 47 µF + Co(1) TPS75601, TPS75615 TPS75618, TPS75625 TPS75633 SLVS329C – JUNE 2001 – REVISED MARCH 2004 Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 250 mV at an output current of 5 A for the TPS75633) and is directly proportional to the output current. Additionally, since the PMOS pass element is a voltage-driven device, the quiescent current is very low and independent of output loading (typically 125 µA over the full range of output current). These two key specifications yield a significant improvement in operating life for battery-powered systems. The device is enabled when EN (enable) is connected to a high voltage level (> 2 V). Applying a low voltage level (< 0.7 V) to EN shuts down the regulator, reducing the quiescent current to less than 1 µA at T J = 25°C. The TPS756xx is offered in 1.5-V, 1.8-V, 2.5-V, and 3.3-V fixed-voltage versions and in an adjustable version (programmable over the range of 1.22 V to 5 V). Output voltage tolerance is specified as a maximum of 3% over line, load, and temperature ranges. The TPS756xx family is available in a 5-pin TO-220 (KC) and TO-263 (KTT) packages. AVAILABLE OPTIONS TJ OUTPUT VOLTAGE (TYP) TO-220 (KC) TO-263(KTT)(1) 3.3 V TPS75633KC TPS75633KTT 2.5 V TPS75625KC TPS75625KTT -40 °C to +125°C 1.8 V TPS75618KC TPS75618KTT 1.5 V TPS75615KC TPS75615KTT Adjustable 1.22 V to 5 V TPS75601KC TPS75601KTT (1) The TPS75601 is programmable using an external resistor divider (see application information). Add T for KTT devices in 50-piece reel. Add R for KTT devices in 500-piece reel. Figure 1. Typical Application Configuration (For Fixed Output Options) 2 |
同様の部品番号 - TPS75633KTTT |
|
同様の説明 - TPS75633KTTT |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |