データシートサーチシステム |
|
TLC074AID データシート(PDF) 1 Page - Texas Instruments |
|
|
TLC074AID データシート(HTML) 1 Page - Texas Instruments |
1 / 51 page TLC070, TLC071, TLC072, TLC073, TLC074, TLC075, TLC07xA FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS SLOS219D − JUNE 1999 − REVISED FEBRUARY 2004 1 WWW.TI.COM POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 D Wide Bandwidth . . . 10 MHz D High Output Drive − IOH . . . 57 mA at VDD − 1.5 V − IOL . . . 55 mA at 0.5 V D High Slew Rate − SR+ . . . 16 V/ µs − SR− . . . 19 V/ µs D Wide Supply Range . . . 4.5 V to 16 V D Supply Current . . . 1.9 mA/Channel D Ultralow Power Shutdown Mode IDD . . . 125 µA/Channel D Low Input Noise Voltage ...7 nV√Hz D Input Offset Voltage ...60 µV D Ultra-Small Packages − 8 or 10 Pin MSOP (TLC070/1/2/3) description The first members of TI’s new BiMOS general-purpose operational amplifier family are the TLC07x. The BiMOS family concept is simple: provide an upgrade path for BiFET users who are moving away from dual-supply to single-supply systems and demand higher ac and dc performance. With performance rated from 4.5 V to 16 V across commercial (0 °C to 70°C) and an extended industrial temperature range (−40°C to 125°C), BiMOS suits a wide range of audio, automotive, industrial and instrumentation applications. Familiar features like offset nulling pins, and new features like MSOP PowerPAD packages and shutdown modes, enable higher levels of performance in a variety of applications. Developed in TI’s patented LBC3 BiCMOS process, the new BiMOS amplifiers combine a very high input impedance low-noise CMOS front end with a high-drive bipolar output stage, thus providing the optimum performance features of both. AC performance improvements over the TL07x BiFET predecessors include a bandwidth of 10 MHz (an increase of 300%) and voltage noise of 7 nV/ √Hz (an improvement of 60%). DC improvements include a factor of 4 reduction in input offset voltage down to 1.5 mV (maximum) in the standard grade, and a power supply rejection improvement of greater than 40 dB to 130 dB. Added to this list of impressive features is the ability to drive ±50-mA loads comfortably from an ultrasmall-footprint MSOP PowerPAD package, which positions the TLC07x as the ideal high-performance general-purpose operational amplifier family. FAMILY PACKAGE TABLE DEVICE NO. OF PACKAGE TYPES SHUTDOWN UNIVERSAL DEVICE NO. OF CHANNELS MSOP PDIP SOIC TSSOP SHUTDOWN UNIVERSAL EVM BOARD TLC070 1 8 8 8 — Yes TLC071 1 8 8 8 — Refer to the EVM TLC072 2 8 8 8 — — Refer to the EVM Selection Guide TLC073 2 10 14 14 — Yes Selection Guide (Lit# SLOU060) TLC074 4 — 14 14 20 — (Lit# SLOU060) TLC075 4 — 16 16 20 Yes Copyright 2000−2004, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Operational Amplifier − + PowerPAD is a trademark of Texas Instruments. |
同様の部品番号 - TLC074AID |
|
同様の説明 - TLC074AID |