データシートサーチシステム |
|
LM130SS1T611 データシート(PDF) 1 Page - Sharp Corporation |
|
LM130SS1T611 データシート(HTML) 1 Page - Sharp Corporation |
|
1 / 1 page In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. Specifications are subject to change without notice for improvement. Outline Dimensions unit : mm New Product Color STN-LCD Module LM130SS1T611 (Notebook PC) Features s 33 cm [13"] SVGA format s Thin structure (7.5 mm) s Less shadowing utilizing SA* technology s High contrast (50 : 1) s Fast response time & high contrast utilizing HP-A** technology *...Sharp Addressing **...High Performance Addressing Specifications Parameter Unit Parameter Unit Display size 33[13] cm [ "] Backlight type 1CCFT(E) - Dot format (H x V) 800 x RGB x 600 dot Duty ratio 1/300.1/328*2 - Pixel pitch (H x V) 0.33 x 0.33 mm Logic voltage 3.3 V Active area (H x V) 264.0 x 198.0 mm Power consumption 4 040 mW Panel type *1 - Overall dimensions (W x H x D) 295.0 x 218.0 x 7.5 (MAX.) mm Panel mode Transmissive - Weight 550 g Contrast ratio 50 : 1 - Operating temperature 0 to +40 °C Response time 150 ms Storage temperature -25 to +60 °C Brightness 100 cd/m2 *1...Triple Super Twisted Nematic *2...Alternate driving method (1/300: for odd number frames, 1/328: for even number frames) 5.9 128 1.7 295 4 291 141.6 149.4 2 263.98 x 197.98 Active Area 268 x 202( ±0.3) Bezel Opening Area Excluding the allowance of deformation 0.09 B 0.11pitch BG B G R RR 0.02 G Center Line(Bezel Opening Area) 800 x R.G.B x 600 dots 2 1 40 2 41 1 |
同様の部品番号 - LM130SS1T611 |
|
同様の説明 - LM130SS1T611 |