データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM-QFN-9011 データシート(PDF) 1 Page - Ironwood Electronics.

部品番号 SM-QFN-9011
部品情報  Highly compliant to accommodate wide co-planarity variations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRONWOOD [Ironwood Electronics.]
ホームページ  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-QFN-9011 データシート(HTML) 1 Page - Ironwood Electronics.

  SM-QFN-9011 Datasheet HTML 1Page - Ironwood Electronics. SM-QFN-9011 Datasheet HTML 2Page - Ironwood Electronics. SM-QFN-9011 Datasheet HTML 3Page - Ironwood Electronics. SM-QFN-9011 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
12.225
3.200
9.000
1.500
0.305
4.305
13.935
22.900
28.766
SM-QFN DIRECT MOUNT, SOLDERLESS SOCKET FOR
BURN-IN AND TEST APPLICATIONS
FEATURES:
• Wide temperature range (-55C to +180C).
• High current capability (up to 4A).
• Over 40GHz bandwidth @ -1dB for edge pins
• Low and stable contact resistance for reliable production yield.
• Self inductance under 0.21nH
• Highly compliant to accommodate wide co-planarity variations.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: SM-QFN24 Snap Lid Socket
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. C
DATE: 03/27/2013
Material: N/A
Finish: N/A
Weight: 10.81
SM-QFN-9011 Drawing
SCALE: 2:1
SHEET: 1 OF 4
ENG: B. Fedde
FILE: SM-QFN-9011
DRAWN BY: B. Fedde


同様の部品番号 - SM-QFN-9011

メーカー部品番号データシート部品情報
logo
Ironwood Electronics.
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9012 IRONWOOD-SM-QFN-9012 Datasheet
298Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9013 IRONWOOD-SM-QFN-9013 Datasheet
422Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9015 IRONWOOD-SM-QFN-9015 Datasheet
366Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

同様の説明 - SM-QFN-9011

メーカー部品番号データシート部品情報
logo
Ironwood Electronics.
CBT-BGA-7019 IRONWOOD-CBT-BGA-7019 Datasheet
304Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7502 IRONWOOD-SBT-BGA-7502 Datasheet
493Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7035 IRONWOOD-CBT-QFN-7035 Datasheet
489Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
CBT-SO-4001 IRONWOOD-CBT-SO-4001 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6533 IRONWOOD-SBT-BGA-6533 Datasheet
436Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9029 IRONWOOD-SM-BGA-9029 Datasheet
368Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
   Highly compliant to accommodate wide co-planarity variations.
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com