データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM-BGA-9050 データシート(PDF) 2 Page - Ironwood Electronics.

部品番号 SM-BGA-9050
部品情報  Easily removalbe swivel socket lid
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRONWOOD [Ironwood Electronics.]
ホームページ  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9050 データシート(HTML) 2 Page - Ironwood Electronics.

  SM-BGA-9050 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9050 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9050 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9050 Datasheet HTML 4Page - Ironwood Electronics. SM-BGA-9050 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4.00 (x5)
0.850±0.025 THRU (x2)
non plated alignment hole
13.725±0.125 Backing plate
0.25 pad (x178)
6.00
5.20
2.8625±0.025
3.1125±0.025
2.5125
1.8625
1.710±0.0250 (x4)
2.35
2.85
12.225±0.125 socket base size
3.3625
3.3625
3.3625
2.3625
3.3625
3.3656
2.1125
2.6625
1.3125
0.957
0.7125
0.8625
area available for
component placement on
the component side of
the PCB. Maximum
component height is
2mm.
A1
A14
T1
Socket orientation
mark corner
*Note: BGA pattern is not symmetrical with respect
to the mounting holes. The pattern is shifted to the
left of center by 0.25mm.
Target PCB Recommendations
Total thickness: 0.76mm min.
Plating: Gold or Solder finish
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB Layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 09/16/2014
Material: N/A
Finish: N/A
Weight: 5.21
SM-BGA-9050 Drawing
SCALE: 7:1
SHEET: 2 OF 5
ENG: E. Smolentseva
FILE: SM-BGA-9050 Dwg
DRAWN BY: M. Raske


同様の部品番号 - SM-BGA-9050

メーカー部品番号データシート部品情報
logo
Ironwood Electronics.
SM-BGA-9051 IRONWOOD-SM-BGA-9051 Datasheet
381Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9052 IRONWOOD-SM-BGA-9052 Datasheet
444Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9053 IRONWOOD-SM-BGA-9053 Datasheet
568Kb / 4P
   Ball guide prevents over compression of elastomer
SM-BGA-9054 IRONWOOD-SM-BGA-9054 Datasheet
371Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9055 IRONWOOD-SM-BGA-9055 Datasheet
504Kb / 5P
   Easily removalbe swivel socket lid
More results

同様の説明 - SM-BGA-9050

メーカー部品番号データシート部品情報
logo
Ironwood Electronics.
SM-BGA-9030 IRONWOOD-SM-BGA-9030 Datasheet
379Kb / 5P
   Easily removalbe swivel socket lid
SM-BGA-9046 IRONWOOD-SM-BGA-9046 Datasheet
455Kb / 5P
   Easily removalbe swivel socket lid
SM-BGA-9055 IRONWOOD-SM-BGA-9055 Datasheet
504Kb / 5P
   Easily removalbe swivel socket lid
GT-BGA-2046 IRONWOOD-GT-BGA-2046 Datasheet
564Kb / 5P
   Easily removalbe swivel socket lid
SM-BGA-9007 IRONWOOD-SM-BGA-9007 Datasheet
342Kb / 4P
   Easily removalbe swivel socket lid
SG-BGA-6376 IRONWOOD-SG-BGA-6376 Datasheet
357Kb / 4P
   Easily removable swivel socket lid
SG-BGA-6391 IRONWOOD-SG-BGA-6391 Datasheet
430Kb / 5P
   Easily removable swivel socket lid
SG-BGA-6423 IRONWOOD-SG-BGA-6423 Datasheet
225Kb / 4P
   Easily removable swivel socket lid
GT-BGA-2042 IRONWOOD-GT-BGA-2042 Datasheet
389Kb / 4P
   Easily removable swivel socket lid
GT-QFN-3001 IRONWOOD-GT-QFN-3001 Datasheet
353Kb / 4P
   Easily removable swivel socket lid
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com