データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM-LGA-6000 データシート(PDF) 2 Page - Ironwood Electronics.

部品番号 SM-LGA-6000
部品情報  Self inductance under 0.21nH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRONWOOD [Ironwood Electronics.]
ホームページ  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-LGA-6000 データシート(HTML) 2 Page - Ironwood Electronics.

  SM-LGA-6000 Datasheet HTML 1Page - Ironwood Electronics. SM-LGA-6000 Datasheet HTML 2Page - Ironwood Electronics. SM-LGA-6000 Datasheet HTML 3Page - Ironwood Electronics. SM-LGA-6000 Datasheet HTML 4Page - Ironwood Electronics. SM-LGA-6000 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
10.00
13.00
12.00
1.30
5.00
3.00
6.50
6.00
2.0
1.71±0.10 THRU
20.725±0.050
16.725±0.050
19.225
Socket/Backing plate outline
23.2250
Socket/Backing plate outline
0.85±0.25 Alignment Hole (2)
7.82
5.285
A1 corner
Backing plate outline
Target PCB Recommendations
Total thickness: 0.8mm min.
Plating: Gold or Solder finish
PCB Pad height: same or higher than solder mask
DXF DATA WILL BE PROVIDED
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 11/27/2012
Material: Material <not specified>
Finish:
Weight: 8.85
SM-LGA-6000 Drawing
SCALE: 1:1
SHEET: 2 OF 5
ENG: V. Panavala
FILE: SM-LGA-6000 Dwg
DRAWN BY: V. Panavala


同様の部品番号 - SM-LGA-6000

メーカー部品番号データシート部品情報
logo
Ironwood Electronics.
SM-LGA-6001 IRONWOOD-SM-LGA-6001 Datasheet
313Kb / 4P
   Self inductance under 0.21nH
SM-LGA-6002 IRONWOOD-SM-LGA-6002 Datasheet
455Kb / 5P
   Compression plate distributes forces evenly
More results

同様の説明 - SM-LGA-6000

メーカー部品番号データシート部品情報
logo
Ironwood Electronics.
SM-LGA-6001 IRONWOOD-SM-LGA-6001 Datasheet
313Kb / 4P
   Self inductance under 0.21nH
CBT-QFN-7005 IRONWOOD-CBT-QFN-7005 Datasheet
299Kb / 6P
   Self inductance 0.88nH
CBT-QFN-7003 IRONWOOD-CBT-QFN-7003 Datasheet
289Kb / 4P
   Self inductance 0.88nH
logo
Illinois Capacitor, Inc...
PHC ILLINOISCAPACITOR-PHC Datasheet
214Kb / 3P
   Metallized polypropylene ??Low self inductance ??High capacitance ??Low ESR
102YXB300KD ILLINOISCAPACITOR-102YXB300KD Datasheet
232Kb / 3P
   Metalized Polypropylene ??multiple case sizes ??Low ESR and self inductance
logo
Megawin Technology Co.,...
MG39304AS1 MEGAWIN-MG39304AS1 Datasheet
264Kb / 18P
   Under Voltage Protection
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-800J AVAGO-HCPL-800J Datasheet
503Kb / 18P
   Under-Voltage Detection
logo
Minmax Technology Co., ...
MTQZ75 MINMAX-MTQZ75 Datasheet
784Kb / 7P
   under-voltage shutdown
logo
Texas Instruments
PT5540 TI1-PT5540_14 Datasheet
199Kb / 9P
[Old version datasheet]   Under-Voltage Lockout
logo
Arch Electronics Corp.
BR240 ARCH-BR240_16 Datasheet
274Kb / 3P
   Input under Voltage Protection
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com