データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMP-CGA-3001 データシート(PDF) 1 Page - Ironwood Electronics.

部品番号 SMP-CGA-3001
部品情報  Low and stable contact resistance for reliable production yield
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRONWOOD [Ironwood Electronics.]
ホームページ  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SMP-CGA-3001 データシート(HTML) 1 Page - Ironwood Electronics.

  SMP-CGA-3001 Datasheet HTML 1Page - Ironwood Electronics. SMP-CGA-3001 Datasheet HTML 2Page - Ironwood Electronics. SMP-CGA-3001 Datasheet HTML 3Page - Ironwood Electronics. SMP-CGA-3001 Datasheet HTML 4Page - Ironwood Electronics. SMP-CGA-3001 Datasheet HTML 5Page - Ironwood Electronics. SMP-CGA-3001 Datasheet HTML 6Page - Ironwood Electronics. SMP-CGA-3001 Datasheet HTML 7Page - Ironwood Electronics. SMP-CGA-3001 Datasheet HTML 8Page - Ironwood Electronics. SMP-CGA-3001 Datasheet HTML 9Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
38.500
28.225
57.500
24.950
28.225
15.000
17.900
2.670
A
A
double latch lid
W/ compression plate
IC
Removable IC guide
B
SECTION A-A
Recommended torque = 5 in-lbs
/ 56.5 N-cm
DETAIL B
SCALE 8 : 1
xGA IC
IC guide
SMP protective layer
SMP SM interposer layer
target board
SMP-CGA DIRECT MOUNT, SOLDERLESS SOCKET FOR
BURN-IN AND TEST APPLICATIONS
FEATURES:
Wide temperature range (-55C to +155C )
High current capability (up to 4A )
Excellent signal integrity at high frequencies
Low and stable contact resistance for reliable production yield
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Double latch snap lid SMP xGA255 21x21mm IC 16x16 array 1.27mm pitch
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 06/10/2015
Material: N/A
Finish: N/A
Weight: 94.65
SMP-CGA-3001 Drawing
SCALE: 1.15:1
SHEET: 1 OF 9
ENG: S. Huang
FILE: SMP-CGA-3001 Dwg
DRAWN BY: M. Raske


同様の部品番号 - SMP-CGA-3001

メーカー部品番号データシート部品情報
logo
Ironwood Electronics.
SMP-CGA-3000 IRONWOOD-SMP-CGA-3000 Datasheet
872Kb / 9P
   Low and stable contact resistance for reliable production yield
More results

同様の説明 - SMP-CGA-3001

メーカー部品番号データシート部品情報
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com