データシートサーチシステム |
|
SMP-QFN-8015 データシート(PDF) 4 Page - Ironwood Electronics. |
|
SMP-QFN-8015 データシート(HTML) 4 Page - Ironwood Electronics. |
4 / 6 page 6 14 5 7 5 8 9 10 11 12 3 13 2 1 ITEM NO. DESCRIPTION Material 1 Dowel Pin, 1.5mm x 3mm, SS Stainless Steel (18-8) 2 M2 Dowel Pin 4mm SS Stainless Steel (18-8) 3 M2x0.4 Flat head phillips 12mm 1.1158 (C25E) 4 Alignment Pin 1/32" dia. x 1/8" lng Chrome Stainless Steel 5 Socket base Torlon 5530 6 Socket Lid / Compression Plate 7075-T6 Alumium Alloy 7 Customer's device FR4 High temp 8 Protective Layer for 8x8 mm QFN56, 0.5mm pitch Kapton Polyimide/Cirlex 9 SM interposer for 10x10 mm QFN68, 0.5mm pitch SM elastomer 10 Customer's target PCB FR4 Standard 11 Insualtion Plate Ultem 1000 12 Backing Plate 7075-T6 Aluminum Alloy 13 #0-80 internal Thread brass insert, Press fit Brass 14 Screw, #0-80 x 0.21875", Pan, 18-8 SS Material <not specified> Ironwood Electronics, Inc. Tele: (800) 404-0204 www.ironwoodelectronics.com Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice. Description: Socket assembly Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams. STATUS: Released REV. A DATE: 5/3/2016 Material: N/A Finish: N/A Weight: 33.42 SMP-QFN-8015 Drawing SCALE: 2:1 SHEET: 4 OF 6 ENG: E. Smolentseva FILE: SMP-QFN-8015.Dwg DRAWN BY: M. Raske |
同様の部品番号 - SMP-QFN-8015 |
|
同様の説明 - SMP-QFN-8015 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |