データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS19 データシート(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 SS19
部品情報  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS19 データシート(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  SS19 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS19 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SS19 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Production specification
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
SS12--SS110
Document Number: SMA401AA
www.gmicroelec.com
3


同様の部品番号 - SS19

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SS19 PANJIT-SS19 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Daya Electric Group Co....
SS19 DAYA-SS19 Datasheet
166Kb / 2P
   1.0 AMP. Surface Mount Schotty Barrier Rectifiers
logo
Frontier Electronics.
SS19 FRONTIER-SS19 Datasheet
1Mb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Surge Components
SS19 SURGE-SS19 Datasheet
136Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
RFE international
SS19 RFE-SS19 Datasheet
111Kb / 1P
   SURFACE MOUNT: Super Fast Recovery Schottky & Bridge Rectifiers
More results

同様の説明 - SS19

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com