データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLHR4400-AS21 データシート(PDF) 10 Page - Vishay Siliconix

部品番号 TLHR4400-AS21
部品情報  Suitable for DC and high peak current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR4400-AS21 データシート(HTML) 10 Page - Vishay Siliconix

Back Button TLHR4400-AS21 Datasheet HTML 3Page - Vishay Siliconix TLHR4400-AS21 Datasheet HTML 4Page - Vishay Siliconix TLHR4400-AS21 Datasheet HTML 5Page - Vishay Siliconix TLHR4400-AS21 Datasheet HTML 6Page - Vishay Siliconix TLHR4400-AS21 Datasheet HTML 7Page - Vishay Siliconix TLHR4400-AS21 Datasheet HTML 8Page - Vishay Siliconix TLHR4400-AS21 Datasheet HTML 9Page - Vishay Siliconix TLHR4400-AS21 Datasheet HTML 10Page - Vishay Siliconix TLHR4400-AS21 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TLHR440., TLHO440., TLHY440., TLHG440.
www.vishay.com
Vishay Semiconductors
Rev. 3.1, 24-Mar-15
10
Document Number: 83006
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
AMMOPACK (ending: Z)
Fig. 26 - Tape Direction
Note
• The new nomenclature for ammopack is e.g. ASZ only, without suffix for the LED orientation. The carton box has to be turned to the desired
position: “+” for anode first, or “-” for cathode first. AS12Z and AS21Z are still valid for already existing types, BUT NOT FOR NEW DESIGN.
TAPE DIMENSIONS in millimeters
OPTION
DIMENSION “H” ± 0.5 mm
DIMENSION “X” ± 0.5 mm
AS
17.3
-
MS
25.5
-
CS
22.0
-
BT
20.0
16.0
Tape feed direction
Diodes: cathode before anode
Transistors: collector before emitter
Label
Tape feed direction
94 8667-2
Diodes: anode before cathode
Transistors: emitter before collector
21885
Quantity per:
2000
Reel
(Mat.-no. 1764)
0.9 max.
Ø 4 ± 0.2
6.35 ± 0.7
12.7 ± 0.2
5.08 ± 0.7
12.7 ± 1
± 2
± 1
2.54
+ 0.6
- 0.1
Measure limit over 20 index-holes: ± 1
5.08
+ 0.6
- 0.1
3.81 ± 0.7


同様の部品番号 - TLHR4400-AS21

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TLHR4400-AS21 VISHAY-TLHR4400-AS21 Datasheet
213Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
More results

同様の説明 - TLHR4400-AS21

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TLHF42U1V2-35 VISHAY-TLHF42U1V2-35 Datasheet
107Kb / 5P
   Suitable for DC and high peak current
Rev. 1.2, 14-Oct-14
TLHO42M1N2 VISHAY-TLHO42M1N2 Datasheet
108Kb / 5P
   Suitable for DC and high peak current
Rev. 1.2, 14-Oct-14
TLHY44K1L2 VISHAY-TLHY44K1L2 Datasheet
109Kb / 5P
   Suitable for DC and high peak current
Rev. 1.2, 14-Oct-14
TLHK46Q1R2 VISHAY-TLHK46Q1R2 Datasheet
107Kb / 5P
   Suitable for DC and high peak current
Rev. 1.2, 14-Oct-14
logo
Maxim Integrated Produc...
MAX17498AATE MAXIM-MAX17498AATE Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applicatio
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A_V01 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
2020
MAX17498A MAXIM-MAX17498A Datasheet
2Mb / 28P
   AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
Rev 1; 3/12
MAX17498A MAXIM-MAX17498A_13 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
Rev 3; 4/13
logo
TOKO, Inc
DFEH12060D TOKO-DFEH12060D Datasheet
229Kb / 1P
   Suitable for large current
logo
Infineon Technologies A...
IPA80R460CE INFINEON-IPA80R460CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com