データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLUR2400-AS12 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 TLUR2400-AS12
部品情報  Luminous intensity categorized
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLUR2400-AS12 データシート(HTML) 2 Page - Vishay Siliconix

  TLUR2400-AS12 Datasheet HTML 1Page - Vishay Siliconix TLUR2400-AS12 Datasheet HTML 2Page - Vishay Siliconix TLUR2400-AS12 Datasheet HTML 3Page - Vishay Siliconix TLUR2400-AS12 Datasheet HTML 4Page - Vishay Siliconix TLUR2400-AS12 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TLUR2400, TLUR2401
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 22-Apr-13
2
Document Number: 83288
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) In one packing unit IVmin./IVmax.  0.5
Note
• Luminous intensity is tested at a current pulse duration of 25 ms.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each bag (there will be no mixing of two groups on
each bag).
In order to ensure availability, single brightness groups will not
be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
on any one bag.
In order to ensure availability, single wavelength groups will not
be orderable.
TYPCIAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Relative Luminous Intensity vs. Angular Displacement
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLUR2400, TLUR2401, RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 10 mA
TLUR2400
IV
415
mcd
TLUR2401
IV
432
mcd
Dominant wavelength
IF = 10 mA
d
630
nm
Peak wavelength
IF = 10 mA
p
640
nm
Angle of half intensity
IF = 10 mA
± 20
deg
Forward voltage
IF = 20 mA
VF
23
V
Reverse voltage
IR = 10 AVR
615
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
50
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
MIN.
MAX.
P4
8
Q
6.3
12.5
R10
20
S16
32
T25
50
0
5
10
15
20
25
30
35
40
0
1020 3040 5060 7080 90 100
Tamb - Ambient Temperature (°C)
17517
0.4
0.2
0
0.2
0.4
0.6
95 10094
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0


同様の部品番号 - TLUR2400-AS12

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TLUR2400-AS12 VISHAY-TLUR2400-AS12 Datasheet
761Kb / 5P
   Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
01-Jan-2023
More results

同様の説明 - TLUR2400-AS12

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VLMW21 VISHAY-VLMW21 Datasheet
333Kb / 10P
   Luminous intensity categorized
Rev. 1.4, 09-Feb-10
TLHG44K1L2 VISHAY-TLHG44K1L2 Datasheet
109Kb / 5P
   Luminous intensity categorized
Rev. 1.2, 14-Oct-14
TLHP42J2L1 VISHAY-TLHP42J2L1 Datasheet
109Kb / 5P
   Luminous intensity and color categorized
Rev. 1.3, 14-Oct-14
TLVD4200 VISHAY-TLVD4200 Datasheet
197Kb / 6P
   Categorized for luminous flux
Rev. 2.0, 27-Jan-15
TLVY42N1P2-34 VISHAY-TLVY42N1P2-34 Datasheet
142Kb / 5P
   Categorized for luminous flux
Rev. 1.2, 14-Oct-14
logo
OSRAM GmbH
LRTGFTM-S7T7-1-V7AW-29 OSRAM-LRTGFTM-S7T7-1-V7AW-29 Datasheet
403Kb / 24P
   luminous intensity
LUWG5AP-5D5E-BG-P4P6-LH OSRAM-LUWG5AP-5D5E-BG-P4P6-LH Datasheet
396Kb / 17P
   luminous intensity
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
   High luminous Intensity
logo
P-tec Corporation
PL5050A6-WCR50 P-TEC-PL5050A6-WCR50 Datasheet
401Kb / 7P
   High luminous intensity
logo
Sanken electric
SECU1B07C SANKEN-SECU1B07C Datasheet
203Kb / 10P
   High Luminous Intensity
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com