データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLUR2401-AS12 データシート(PDF) 4 Page - Vishay Siliconix

部品番号 TLUR2401-AS12
部品情報  Luminous intensity categorized
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLUR2401-AS12 データシート(HTML) 4 Page - Vishay Siliconix

  TLUR2401-AS12 Datasheet HTML 1Page - Vishay Siliconix TLUR2401-AS12 Datasheet HTML 2Page - Vishay Siliconix TLUR2401-AS12 Datasheet HTML 3Page - Vishay Siliconix TLUR2401-AS12 Datasheet HTML 4Page - Vishay Siliconix TLUR2401-AS12 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TLUR2400, TLUR2401
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 22-Apr-13
4
Document Number: 83288
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
REEL DIMENSIONS in millimeters
Fig. 7 - Reel
TAPE
Fig. 8 - LED in Tape
TAPE DIMENSIONS in millimeters
Identification label:
355
90
30
48
45
52 max.
948641
Vishay/type/group/tape code/production code/quantity
Paper
Adhesive tape
Identification label
Reel
Tape
Diodes: anode before cathode
Phototransistors: emitter before collector
Code 21
Diodes:
cathode before anode
Phototransistors:
collector before emitter
Code 12
94 8671
Option
Dim. “H” ± 0.5 mm
AS
17.3
Reel
(Mat. - No. 1764)
Quantity per:
2000
94 8171
2.54
+ 0.6
- 0.1
12.7 ± 0.2
5.08 ± 0.7
Measure limit over 20 index-holes: ± 1
0.9 max.
6.35 ± 0.7
Ø 4 ± 0.2
12.7 ± 1
± 1
± 2


同様の部品番号 - TLUR2401-AS12

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TLUR2401-AS12 VISHAY-TLUR2401-AS12 Datasheet
761Kb / 5P
   Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
01-Jan-2023
More results

同様の説明 - TLUR2401-AS12

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VLMW21 VISHAY-VLMW21 Datasheet
333Kb / 10P
   Luminous intensity categorized
Rev. 1.4, 09-Feb-10
TLHG44K1L2 VISHAY-TLHG44K1L2 Datasheet
109Kb / 5P
   Luminous intensity categorized
Rev. 1.2, 14-Oct-14
TLHP42J2L1 VISHAY-TLHP42J2L1 Datasheet
109Kb / 5P
   Luminous intensity and color categorized
Rev. 1.3, 14-Oct-14
TLVD4200 VISHAY-TLVD4200 Datasheet
197Kb / 6P
   Categorized for luminous flux
Rev. 2.0, 27-Jan-15
TLVY42N1P2-34 VISHAY-TLVY42N1P2-34 Datasheet
142Kb / 5P
   Categorized for luminous flux
Rev. 1.2, 14-Oct-14
logo
OSRAM GmbH
LRTGFTM-S7T7-1-V7AW-29 OSRAM-LRTGFTM-S7T7-1-V7AW-29 Datasheet
403Kb / 24P
   luminous intensity
LUWG5AP-5D5E-BG-P4P6-LH OSRAM-LUWG5AP-5D5E-BG-P4P6-LH Datasheet
396Kb / 17P
   luminous intensity
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
   High luminous Intensity
logo
P-tec Corporation
PL5050A6-WCR50 P-TEC-PL5050A6-WCR50 Datasheet
401Kb / 7P
   High luminous intensity
logo
Sanken electric
SECU1B07C SANKEN-SECU1B07C Datasheet
203Kb / 10P
   High Luminous Intensity
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com