データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C2220X154MCRALTU データシート(PDF) 15 Page - Kemet Corporation

部品番号 C2220X154MCRALTU
部品情報  High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2220X154MCRALTU データシート(HTML) 15 Page - Kemet Corporation

Back Button C2220X154MCRALTU Datasheet HTML 11Page - Kemet Corporation C2220X154MCRALTU Datasheet HTML 12Page - Kemet Corporation C2220X154MCRALTU Datasheet HTML 13Page - Kemet Corporation C2220X154MCRALTU Datasheet HTML 14Page - Kemet Corporation C2220X154MCRALTU Datasheet HTML 15Page - Kemet Corporation C2220X154MCRALTU Datasheet HTML 16Page - Kemet Corporation C2220X154MCRALTU Datasheet HTML 17Page - Kemet Corporation C2220X154MCRALTU Datasheet HTML 18Page - Kemet Corporation C2220X154MCRALTU Datasheet HTML 19Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1025_X7R_HV_FT-CAP_SMD • 7/29/2016 15
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage with Flexible Termination System, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
Capacitor Marking (Optional) cont’d
Capacitance (pF) For Various Alpha/Numeral Identifiers
Alpha
Character
Numeral
9
0
1
2
3
4
5
6
7
8
Capacitance (pF)
A
0.1
1 0
10
100
1,000
10,000
100,000 1,000,000
10,000,000
100,000,000
B
0.11
1.1
11
110
1,100
11,000
110,000 1,100,000
11,000,000
110,000,000
C
0.12
1 2
12
120
1,200
12,000
120,000 1,200,000
12,000,000
120,000,000
D
0.13
1 3
13
130
1,300
13,000
130,000 1,300,000
13,000,000
130,000,000
E
0.15
1 5
15
150
1,500
15,000
150,000 1,500,000
15,000,000
150,000,000
F
0.16
1 6
16
160
1,600
16,000
160,000 1,600,000
16,000,000
160,000,000
G
0.18
1 8
18
180
1,800
18,000
180,000 1,800,000
18,000,000
180,000,000
H
0.2
2 0
20
200
2,000
20,000
200,000 2,000,000
20,000,000
200,000,000
J
0.22
2 2
22
220
2,200
22,000
220,000 2,200,000 22,000,000
220,000,000
K
0.24
2.4
24
240
2,400
24,000
240,000 2,400,000 24,000,000
240,000,000
L
0.27
2.7
27
270
2,700
27,000
270,000 2,700,000
27,000,000
270,000,000
M
0.3
3 0
30
300
3,000
30,000
300,000 3,000,000
30,000,000
300,000,000
N
0.33
3 3
33
330
3,300
33,000
330,000 3,300,000
33,000,000
330,000,000
P
0.36
3 6
36
360
3,600
36,000
360,000 3,600,000
36,000,000
360,000,000
Q
0.39
3 9
39
390
3,900
39,000
390,000 3,900,000
39,000,000
390,000,000
R
0.43
4 3
43
430
4,300
43,000
430,000 4,300,000 43,000,000
430,000,000
S
0.47
4.7
47
470
4,700
47,000
470,000 4,700,000
47,000,000
470,000,000
T
0.51
5.1
51
510
5,100
51,000
510,000 5,100,000
51,000,000
510,000,000
U
0.56
5 6
56
560
5,600
56,000
560,000 5,600,000
56,000,000
560,000,000
V
0.62
6 2
62
620
6,200
62,000
620,000 6,200,000
62,000,000
620,000,000
W
0.68
6 8
68
680
6,800
68,000
680,000 6,800,000 68,000,000
680,000,000
X
0.75
7 5
75
750
7,500
75,000
750,000 7,500,000
75,000,000
750,000,000
Y
0.82
8 2
82
820
8,200
82,000
820,000 8,200,000 82,000,000
820,000,000
Z
0.91
9.1
91
910
9,100
91,000
910,000 9,100,000
91,000,000
910,000,000
a
0.25
2 5
25
250
2,500
25,000
250,000 2,500,000 25,000,000
250,000,000
b
0.35
3 5
35
350
3,500
35,000
350,000 3,500,000
35,000,000
350,000,000
d
0.4
4 0
40
400
4,000
40,000
400,000 4,000,000 40,000,000
400,000,000
e
0.45
4 5
45
450
4,500
45,000
450,000 4,500,000 45,000,000
450,000,000
f
0.5
5 0
50
500
5,000
50,000
500,000 5,000,000 50,000,000
500,000,000
m
0.6
6 0
60
600
6,000
60,000
600,000 6,000,000
60,000,000
600,000,000
n
0.7
7 0
70
700
7,000
70,000
700,000 7,000,000
70,000,000
700,000,000
t
0.8
8 0
80
800
8,000
80,000
800,000 8,000,000
80,000,000
800,000,000
y
0.9
9 0
90
900
9,000
90,000
900,000 9,000,000
90,000,000
900,000,000


同様の部品番号 - C2220X154MCRALTU

メーカー部品番号データシート部品情報
logo
Kemet Corporation
C2220X156K5RACTU KEMET-C2220X156K5RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Temp Stable, 15 uF, /-10% Tol, 50 V, X7R, 2220 (5750 metric)
More results

同様の説明 - C2220X154MCRALTU

メーカー部品番号データシート部品情報
logo
Kemet Corporation
C1812X104KDRACTU KEMET-C1812X104KDRACTU Datasheet
2Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1206X102KGRACTU KEMET-C1206X102KGRACTU Datasheet
715Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO_17 Datasheet
1Mb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO Datasheet
1Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C2225X393JCGACTU KEMET-C2225X393JCGACTU_V01 Datasheet
825Kb / 23P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
2/28/2023
C1210X473KCRACTU KEMET-C1210X473KCRACTU Datasheet
1Mb / 17P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500VDC-3000VDC (Commercial Grade)
C1210Y154KCRACTU KEMET-C1210Y154KCRACTU Datasheet
929Kb / 25P
   Floating Electrode (FF-CAP), High Voltage with Flexible Termination X7R Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade)
2/16/2023
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com