データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLSD05Q8B データシート(PDF) 2 Page - StarHope

部品番号 TLSD05Q8B
部品情報  Electro-Static Discharge TLSD05Q8B Low Capacitance TVS Diode For High-Speed Data Interfaces
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPSEMI [StarHope]
ホームページ  http://www.spsemi.cn
Logo SPSEMI - StarHope

TLSD05Q8B データシート(HTML) 2 Page - StarHope

  TLSD05Q8B Datasheet HTML 1Page - StarHope TLSD05Q8B Datasheet HTML 2Page - StarHope TLSD05Q8B Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPSEMI
REV 2016 10 16
..
.
www.spsemi.cn
Page 2 of 3
Maximum Ratings(T =25
unless otherwise specified )
A
Electrical Characteristics(T =25
unless otherwise specified )
A
Parameter
Symbol
Conditions
Units
Min.
Max.
TLSD05Q8B(Marking: LCDA05C-8 )
Reverse Stand-off Voltage
Breakdown Voltage
Clamping Voltage
Reverse Leakage Current
Junction Capacitance
VRWM
VBR
C
V
R
I
CJ
5
13.5
20
5
I=1mA
T
I
=42A,tp=8/20μs
PP
@VRWM
6
V
V
V
μA
F
p
0Vdc,f=1MHz
Between I/O Pins and GND
Tipical Characteristics
Parameter
Symbol
Value
Units
Peak Pulse Power
Lead Solder Temperature − Maximum (10 Second Duration)
Junction Temperature
Storage Temperature Range
PPP
L
T
TJ
TSTG
500
260
150
-55~150
Watts
ESD/TLSD05Q8B
Fig.1 Non-Repetitive Peak Pulse Power vs.Pulse Time
0.1
0.01
1
10
100
1000
0.1
1
10
Pulse Duration-tp(μs)


同様の部品番号 - TLSD05Q8B

メーカー部品番号データシート部品情報
logo
StarHope
TLSD05GU SPSEMI-TLSD05GU Datasheet
760Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
TLSD05H4U SPSEMI-TLSD05H4U Datasheet
597Kb / 3P
   Low Capacitance TVS Diode Array
TLSD05J2U SPSEMI-TLSD05J2U Datasheet
512Kb / 3P
   Low Capacitance TVS Diode Array
More results

同様の説明 - TLSD05Q8B

メーカー部品番号データシート部品情報
logo
StarHope
TLSD28K8B SPSEMI-TLSD28K8B Datasheet
55Kb / 3P
   Electro-Static Discharge TLSD2.8K8B Low Capacitance TVS Diode
TLSD28K4B SPSEMI-TLSD28K4B Datasheet
51Kb / 3P
   Electro-Static Discharge TLSD2.8K4B Low Capacitance TVS Diode
logo
Shanghai Leiditech Elec...
LC24DT3 LEIDITECH-LC24DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Semtech Corporation
SL05 SEMTECH-SL05_04 Datasheet
158Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
SL05 SEMTECH-SL05 Datasheet
167Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Shanghai Leiditech Elec...
LC12DT3 LEIDITECH-LC12DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
StarHope
TLSD03GU SPSEMI-TLSD03GU Datasheet
760Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Shanghai Leiditech Elec...
LC33DT3 LEIDITECH-LC33DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC36DT3 LEIDITECH-LC36DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC15DT3 LEIDITECH-LC15DT3 Datasheet
191Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com