データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3KP58A データシート(PDF) 2 Page - StarHope

部品番号 3KP58A
部品情報  Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 220 Volts 3000 Watt Peak Pulse Power
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPSEMI [StarHope]
ホームページ  http://www.spsemi.cn
Logo SPSEMI - StarHope

3KP58A データシート(HTML) 2 Page - StarHope

  3KP58A Datasheet HTML 1Page - StarHope 3KP58A Datasheet HTML 2Page - StarHope 3KP58A Datasheet HTML 3Page - StarHope 3KP58A Datasheet HTML 4Page - StarHope 3KP58A Datasheet HTML 5Page - StarHope 3KP58A Datasheet HTML 6Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPSEMI
www.spsemi.cn
Page 2 of
6
Dimensions
Case Style P600
Dimensions in inches and(millimeters)
1.0 25.4
()
MIN.
0.360 9 1
(.)
0.340 8 6
(.)
1.0 25.4
()
MIN.
0.052 1 32
(.
)
0.048 1 22
(.
)
0.360 9 1
(.)
0.340 8 6
(.)
DIA.
DIA.
3KP5.0A
3KP6.0A
3KP6.5A
3KP7.0A
3KP7.5A
3KP8.0A
3KP8.5A
3KP9.0A
3KP10A
3KP11A
3KP12A
3KP13A
3KP14A
3KP15A
3KP16A
3KP17A
3KP18A
3KP20A
3KP22A
3KP24A
3KP26A
3KP28A
3KP
Part Number
Reverse
Stand-Off
Voltage
V
(V)
RWM
Breakdown
Voltage
@IT
V
(V)Min.
BR
Breakdown
Voltage
@IT
V
(V)Max.
BR
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
I(
A)
R
UNI-Polar
BI-Polar
Electrical Characteristics
TABLE1
3KP5.0CA
3KP6.0CA
3KP6.5CA
3KP7.0CA
3KP7.5CA
3KP8.0CA
3KP8.5CA
3KP9.0CA
3KP10CA
3KP11CA
3KP12CA
3KP13CA
3KP14CA
3KP15CA
3KP16CA
3KP17CA
3KP18CA
3KP20CA
3KP22CA
3KP24CA
3KP26CA
3KP28CA
5.0
6.0
6.5
7.0
7.5
8.0
8.5
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
20.0
22.0
24.0
26.0
28.0
6.40
6.67
7.22
7.78
8.33
8.89
9.44
10.00
11.10
12.20
13.30
14.40
15.60
16.70
17.80
18.90
20.00
22.20
24.40
26.70
28.90
31.10
7.00
7.37
7.98
8.60
9.21
9.83
10.40
11.10
12.30
13.50
14.70
15.90
17.20
18.50
19.70
20.90
22.10
24.50
26.90
29.50
31.90
34.40
10
10
10
10
1
1
1
1
1
9.2
10.3
11.2
12.0
12.9
13.6
14.4
15.4
17.0
18.2
19.9
21.5
23.2
24.4
26.0
27.6
29.2
32.4
35.5
38.9
42.1
45.4
326.1
291.3
267.9
250.0
232.6
220.6
208.3
194.8
176.5
164.8
150.8
139.5
129.3
123.0
115.4
108.7
102.7
92.6
84.5
77.1
71.3
66.1
800
800
500
200
100
50
20
10
5
2
2
2
2
2
2
2
2
2
2
2
2
2
Notes :
1.For bidirectional type having V
of 10 volts and less, the I limit is double
RWM
R
For parts with A , the V
is ± 5%
2.
BR
..
.
3KP(3000W) Series
REV 2016 08 10
μ
1
1
1
1
1
1
1
1
1
1
1
1
1


同様の部品番号 - 3KP58A

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
3KP58A PANJIT-3KP58A Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Shanghai Leiditech Elec...
3KP58A LEIDITECH-3KP58A Datasheet
819Kb / 5P
   3000W Transient Voltage Suppressor
logo
Littelfuse
3KP58A LITTELFUSE-3KP58A Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
logo
Nanjing International G...
3KP58A DGNJDZ-3KP58A Datasheet
77Kb / 3P
   3000 Watt Peak Power
logo
Surge Components
3KP58A SURGE-3KP58A Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
More results

同様の説明 - 3KP58A

メーカー部品番号データシート部品情報
logo
Formosa MS
3KP5.0 FORMOSA-3KP5.0 Datasheet
69Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
StarHope
TVS-SA SPSEMI-TVS-SA Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
TVS-5KP SPSEMI-TVS-5KP Datasheet
326Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 250 Volts 5000 Watt Peak Pulse Power
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
DB Lectro Inc
3KP DBLECTRO-3KP Datasheet
149Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
logo
StarHope
3KP SPSEMI-3KP Datasheet
429Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 220 Volts
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
TVS-20KPA SPSEMI-TVS-20KPA Datasheet
324Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 20 to 300 Volts 20000 Watt Peak Pulse Power
TVS-30KPA SPSEMI-TVS-30KPA Datasheet
325Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 28 to 288 Volts 30000 Watt Peak Pulse Power
TVS-15KPA SPSEMI-TVS-15KPA Datasheet
344Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 17 to 280 Volts 15000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com