データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA26A データシート(PDF) 6 Page - StarHope

部品番号 SA26A
部品情報  Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPSEMI [StarHope]
ホームページ  http://www.spsemi.cn
Logo SPSEMI - StarHope

SA26A データシート(HTML) 6 Page - StarHope

  SA26A Datasheet HTML 1Page - StarHope SA26A Datasheet HTML 2Page - StarHope SA26A Datasheet HTML 3Page - StarHope SA26A Datasheet HTML 4Page - StarHope SA26A Datasheet HTML 5Page - StarHope SA26A Datasheet HTML 6Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Packaging
L
W
H
B
T
E
L2
L1
E
A
Z
±
º
5
Dimensions in millimeters
B
A
Z
E
T
L1-L2
5.0 0.5
±
52.0 1.0
±
1.2Max 6.0 0.4
±
3.0Max 1.0Max
L
W
H
Quantity
250.0 5.0
±
78.0 5.0
±
114.0 5.0
±
2000PCS
瞬 雷 电 子
www.spsemi.cn
Page 6 of 6
REV 2016 08 10
.
.
.
SA(500W) Series


同様の部品番号 - SA26A

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
SA26A MCC-SA26A Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Motorola, Inc
SA26A MOTOROLA-SA26A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Shanghai Leiditech Elec...
SA26A LEIDITECH-SA26A Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
logo
Socay Electornics Co., ...
SA26A SOCAY-SA26A Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Littelfuse
SA26A LITTELFUSE-SA26A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
More results

同様の説明 - SA26A

メーカー部品番号データシート部品情報
logo
StarHope
SA SPSEMI-SA Datasheet
918Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 180 Volts
TVS-5KP SPSEMI-TVS-5KP Datasheet
326Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 250 Volts 5000 Watt Peak Pulse Power
TVS-3KP SPSEMI-TVS-3KP Datasheet
322Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 220 Volts 3000 Watt Peak Pulse Power
logo
DB Lectro Inc
3KP DBLECTRO-3KP Datasheet
149Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
logo
Pan Jit International I...
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
DB Lectro Inc
5KP DBLECTRO-5KP Datasheet
146Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power
logo
StarHope
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-20KPA SPSEMI-TVS-20KPA Datasheet
324Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 20 to 300 Volts 20000 Watt Peak Pulse Power
TVS-30KPA SPSEMI-TVS-30KPA Datasheet
325Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 28 to 288 Volts 30000 Watt Peak Pulse Power
TVS-15KPA SPSEMI-TVS-15KPA Datasheet
344Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 17 to 280 Volts 15000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com