データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMDJ12A データシート(PDF) 1 Page - StarHope

部品番号 SMDJ12A
部品情報  Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPSEMI [StarHope]
ホームページ  http://www.spsemi.cn
Logo SPSEMI - StarHope

SMDJ12A データシート(HTML) 1 Page - StarHope

  SMDJ12A Datasheet HTML 1Page - StarHope SMDJ12A Datasheet HTML 2Page - StarHope SMDJ12A Datasheet HTML 3Page - StarHope SMDJ12A Datasheet HTML 4Page - StarHope SMDJ12A Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 1 of 5
Surface Mount Transient Voltage Suppressor
Stand-Off Voltage - 5.0 to 170 Volts
3000 Watt Peak Pulse Power
Features
For surface mounted applications in order to optimize board space
Low profile package
Built-in strain relief
Glass passivated junction
Low inductance
Excellent clamping capability
Repetition Rate (duty cycle):0.01%
Fast response time: typically less than 1.0ps from 0 Volts to V(BR)
for unidirectional types
Typical IR less than 2µA above 10V
High Temperature solderting: 260°C/10 seconds at terminals
Plastic package has Underwriters Laboratory Flammability 94V-O
Pb-free plated
SMDJ(3000W) Series
Mechanical Data
Devices For Bipolar Application
For Bidirectional use C or CA Suffix for types SMDJ5.0 thru types SMDJ170 (e.g. SMDJ5.0C , SMDJ170CA)
Electrical characteristics apply in both directions
Maximum Ratings And Characteristics
Ratings at 25
ambient temperature unless otherwise specified.
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25
per Fig. 2 .
2.Mounted on 8.0mm x 8.0mm Copper Pads to each terminal
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
Peak Pulse Power Dissipation on 10/1000µs waveform
(Note 1,2 ,FIG.1)
Peak Pulse Current of on 10/1000µs waveform (Note 1,FIG.3)
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note2,3)
Operating junction and Storage Temperature Range
RATING
SYMBOL
VALUE
UNITS
PPPM
IPPM
IFSM
T, T
JSTG
Minimum
3000
SEE
TABLE 1
-55 to
+150
300
Watts
Amps
Amps
Case: JEDEC DO-214AB. Molded plastic over glass passivated junction
Terminals: Solderable per MIL-STD-750,Method 2026
Polarity: Color band denoted positive end (cathode) except Bidirectional
16mm tape (EIA STD RS-481)
Standard Packaging:
0.007ounce,0.21gram
Weight:
REV 2016 08 10
AEC-Q101


同様の部品番号 - SMDJ12A

メーカー部品番号データシート部品情報
logo
First Silicon Co., Ltd
SMDJ12A FS-SMDJ12A Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
List of Unclassifed Man...
SMDJ12A ETC1-SMDJ12A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Nanjing International G...
SMDJ12A DGNJDZ-SMDJ12A Datasheet
102Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Microdiode Electronics ...
SMDJ12A CHENDA-SMDJ12A Datasheet
3Mb / 5P
   5.0-170 Volts Peak pulse power: 3000 Watts
logo
Thinki Semiconductor Co...
SMDJ12A THINKISEMI-SMDJ12A Datasheet
882Kb / 4P
   ThinkiSemi 3KW,10V-100V Surface Mount Transient Voltage Suppressors
More results

同様の説明 - SMDJ12A

メーカー部品番号データシート部品情報
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
StarHope
TVS-5SMDJ SPSEMI-TVS-5SMDJ Datasheet
161Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 11 to 170 Volts 5000 Watt Peak Pulse Power
TVS-TECC SPSEMI-TVS-TECC Datasheet
148Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 170 Volts 1000 Watt Peak Pulse Power
SMDJ SPSEMI-SMDJ Datasheet
404Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P2SMSJ YEASHIN-P2SMSJ Datasheet
745Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 170 Volts 200 Watt Peak Power Pulse
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com