データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSA6.0U データシート(PDF) 4 Page - StarHope

部品番号 TSA6.0U
部品情報  TSA(240W) Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPSEMI [StarHope]
ホームページ  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSA6.0U データシート(HTML) 4 Page - StarHope

  TSA6.0U Datasheet HTML 1Page - StarHope TSA6.0U Datasheet HTML 2Page - StarHope TSA6.0U Datasheet HTML 3Page - StarHope TSA6.0U Datasheet HTML 4Page - StarHope TSA6.0U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPSEMI
www.spsemi.cn
Page 4 of 5
Marking Code
A G
Cathode Band
Marking Code
WG
Marking Code
Recommended Soldering Conditions
Recommended Conditions
Reflow Soldering
ts
tP
tL
Time
25
time to peak temperature
(t 25
to peak)
T (min)
s
T (max)
s
TL
TP
Preheat
Ramp-down
Ramp-up
Critical Zone
Tto T
LP
Re”ow Condition
Pb-Free assembly
(see Fig.1)
Pre Heat
-Temperature Min(T
)
s(min)
-Temperature Max(T
)
s(max)
-Time(Min to Max)(t )
s
Average ramp up rate
(Liquidus Temp(T ) to peak)
L
T
to T -Ramp-up Rate
s(max)
L
Re”ow
-Temperature(T )(Liquidus)
L
-Temperature(t )
L
Peak Temp(T )
P
Time within 5
of actual Peak Temp(t )
P
Ramp-down Rate
Time 25
to Peak Temp(T )
P
Do not exceed
+150
+200
60-180secs
3
/sec.Max.
3
/sec.Max.
+217
60-150secs
+260(+0/-5)
30 secs.Max.
6
/sec.Max.
8 min.Max.
+260
TSA(240W) Series
Ratings And Characteristic Curves
Fig.5 Maximum Non-Repetitive Peak
Forward Surge Current
1
0
10
100
10
5
15
20
25
30
Number of Cycles
T=Tmax
JJ
8.3mS single half sine-wave
(JEDEC Method)
REV 2017 02 07
..
.


同様の部品番号 - TSA6.0U

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TSA6 ETC1-TSA6 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
TSA601M ETC-TSA601M Datasheet
341Kb / 1P
   Tele Communication surge absorber
logo
NXP Semiconductors
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
TSA6057T PHILIPS-TSA6057T Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
TSA6060 PHILIPS-TSA6060 Datasheet
236Kb / 16P
   Fast radio tuning PLL frequency synthesizer
1995 Nov 23
More results

同様の説明 - TSA6.0U

メーカー部品番号データシート部品情報
logo
MicroPower Direct, LLC
MDR-240S MPD-MDR-240S Datasheet
557Kb / 2P
   240W Output Power
logo
ETA-USA
AOJS240 ETA-USA-AOJS240 Datasheet
1Mb / 5P
   240W AC/DC
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24_15 Datasheet
234Kb / 4P
   240W, AC/DC converter
logo
Arch Electronics Corp.
AQF360E_SERIES ARCH-AQF360E_SERIES Datasheet
351Kb / 6P
   240W Convection without FAN
logo
ETA-USA
AOLL1-240 ETA-USA-AOLL1-240 Datasheet
1Mb / 4P
   240W Exterior LED Driver
logo
TDK Electronics
CME150-24 TDK-CME150-24 Datasheet
654Kb / 9P
   Single Output 150W - 240W
logo
Inventronics Inc.
EUD-240SXXXDT INVENTRONICS-EUD-240SXXXDT Datasheet
1Mb / 15P
   240W Programmable IP67 Driver
Rev. G
EUD-240SXXXDTA INVENTRONICS-EUD-240SXXXDTA Datasheet
738Kb / 14P
   240W Programmable IP67 Driver
Rev. D
EUD-240SXXXDVA INVENTRONICS-EUD-240SXXXDVA Datasheet
848Kb / 13P
   240W Programmable IP67 Driver
Rev.D
EUD-240SXXXDV INVENTRONICS-EUD-240SXXXDV Datasheet
1Mb / 13P
   240W Programmable IP67 Driver
Rev. F
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com