データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSA36U データシート(PDF) 3 Page - StarHope

部品番号 TSA36U
部品情報  TSA(240W) Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPSEMI [StarHope]
ホームページ  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSA36U データシート(HTML) 3 Page - StarHope

  TSA36U Datasheet HTML 1Page - StarHope TSA36U Datasheet HTML 2Page - StarHope TSA36U Datasheet HTML 3Page - StarHope TSA36U Datasheet HTML 4Page - StarHope TSA36U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPSEMI
www.spsemi.cn
Page 3 of 5
Characteristic Curves (TA=25
unless otherwise noted)
Fig.3 Pulse Waverform
Fig.4 Typical Junction Capacitance
0
0
1.0
2.0
4.0
3.0
10/1000uS
Waveform
Half Value
IPPM
2
tr=10uS
Peak Value
IPPM
T=25
J
Pulse width(td) is defined
ad the Point where the Peak
Current Decays to 50% of IPPM
50
100
150
t-Time(mS)
1
10
100
10
100
1000
10000
V
-Reverse Stand-off Voltage(V)
RWM
Measured at
Stand-off
Voltage(V
)
RWM
Measured at
Zero Bias
Fig.1 Peak Pulse Power Rating Curve
Fig.2 Pulse Derating Curve
td-Pulse Width(uS)
0.1
0.1
1.0
10
100
1000
10000
1.0
10
100
Non-repetitive Pulse
Waveform Shown Fig.3
T=25
A
T --Ambient Temperature(
)
A
100
125
150
175
75
50
25
0
0
20
40
60
80
100
120
TSA(240W) Series
I-V Curve Characteristics
Uni-directional
Bi-directional
IPP
IR
IT
VC VBR VRWM
IPP
IR
IT
VC
VBR
VRWM
V
IPP
IR
IT
VC VBR VRWM
VF
V
REV 2017 02 07
..
.


同様の部品番号 - TSA36U

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TSA3 ETC1-TSA3 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
TSA301L ETC-TSA301L Datasheet
341Kb / 1P
   Tele Communication surge absorber
TSA301M ETC-TSA301M Datasheet
341Kb / 1P
   Tele Communication surge absorber
logo
Toshiba Semiconductor
TSA3100 TOSHIBA-TSA3100 Datasheet
397Kb / 5P
   POTICALLY ISOLATED AC SWITCH
TSA3100G TOSHIBA-TSA3100G Datasheet
397Kb / 5P
   POTICALLY ISOLATED AC SWITCH
More results

同様の説明 - TSA36U

メーカー部品番号データシート部品情報
logo
MicroPower Direct, LLC
MDR-240S MPD-MDR-240S Datasheet
557Kb / 2P
   240W Output Power
logo
ETA-USA
AOJS240 ETA-USA-AOJS240 Datasheet
1Mb / 5P
   240W AC/DC
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24_15 Datasheet
234Kb / 4P
   240W, AC/DC converter
logo
Arch Electronics Corp.
AQF360E_SERIES ARCH-AQF360E_SERIES Datasheet
351Kb / 6P
   240W Convection without FAN
logo
ETA-USA
AOLL1-240 ETA-USA-AOLL1-240 Datasheet
1Mb / 4P
   240W Exterior LED Driver
logo
TDK Electronics
CME150-24 TDK-CME150-24 Datasheet
654Kb / 9P
   Single Output 150W - 240W
logo
Inventronics Inc.
EUD-240SXXXDT INVENTRONICS-EUD-240SXXXDT Datasheet
1Mb / 15P
   240W Programmable IP67 Driver
Rev. G
EUD-240SXXXDTA INVENTRONICS-EUD-240SXXXDTA Datasheet
738Kb / 14P
   240W Programmable IP67 Driver
Rev. D
EUD-240SXXXDVA INVENTRONICS-EUD-240SXXXDVA Datasheet
848Kb / 13P
   240W Programmable IP67 Driver
Rev.D
EUD-240SXXXDV INVENTRONICS-EUD-240SXXXDV Datasheet
1Mb / 13P
   240W Programmable IP67 Driver
Rev. F
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com