データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ALS155 データシート(PDF) 1 Page - Texas Instruments

部品番号 SN74ALS155
部品情報  DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS155 データシート(HTML) 1 Page - Texas Instruments

  SN74ALS155 Datasheet HTML 1Page - Texas Instruments SN74ALS155 Datasheet HTML 2Page - Texas Instruments SN74ALS155 Datasheet HTML 3Page - Texas Instruments SN74ALS155 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SN74ALS155
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SDAS140 — NOVEMBER 1987
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 1987, Texas Instruments Incorporated
1
PRODUCTION DATA information is current as of
publication date. Products conform to specifications
per the terms of Texas Instruments standard
warranty.
Production
processing
does
not
necessarily include testing of all parameters.
Applications:
Dual 2-Line to 4-Line Decoder
Dual 1-Line to 4-Line Demultiplexer
3-Line to 8-Line Decoder
1-Line to 8-Line Demultiplexer
Individual Strobes Simplify Cascading For
Decoding or Demultiplexing Larger Words
Package Options Include Plastic “Small
Outline” Packages and Standard Plastic
300-mil DIPs
description
The
′ALS155 circuits feature dual 1-line to 4-line
demultiplexers
with
individual
strobes
and
common binary-address inputs in a single 16-pin
package. When both sections are enabled, the
common
binary-address
inputs
sequentially
select and route associated input data to the
appropriate output of each section. The individual
strobes permit enabling or disabling each of the
4-bit sections as desired.
Data applied to input 1C is inverted at its outputs
and data applied at input 2C is not inverted
through its outputs. The inverter following the 1C
data input permits use of the
′ALS155 as a 3-line
to 8-line demultiplexer without external gating. All
inputs
are
clamped
with
high-performance
Schottky diodes to suppress line ringing and
simplify system design.
The SN74ALS155 is characterized for operation
from 0
°C to 70°C.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1C
1G
B
1Y3
1Y2
1Y1
1Y0
GND
VCC
2C
2G
A
2Y3
2Y2
2Y1
2Y0
D or N Package
(Top View)
logic diagram (positive logic)
OUTPUT
1Y0
7
OUTPUT
1Y1
6
5 OUTPUT
1Y2
4 OUTPUT
1Y3
9 OUTPUT
2Y0
10 OUTPUT
2Y1
11 OUTPUT
2Y2
12 OUTPUT
2Y3
STROBE
1G
2
DATA
1C
1
SELECT
B
3
SELECT
A
13
DATA
2C
15
STROBE
1G
14


同様の部品番号 - SN74ALS155

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALS151 TI-SN74ALS151 Datasheet
110Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN74ALS151 TI-SN74ALS151 Datasheet
652Kb / 17P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN74ALS151 TI-SN74ALS151 Datasheet
792Kb / 18P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN74ALS151 TI1-SN74ALS151 Datasheet
743Kb / 16P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN74ALS151D TI-SN74ALS151D Datasheet
110Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
More results

同様の説明 - SN74ALS155

メーカー部品番号データシート部品情報
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
74AC11239 TI-74AC11239 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A_07 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A Datasheet
346Kb / 15P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
74ACT11139 TI1-74ACT11139_15 Datasheet
892Kb / 15P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A_08 Datasheet
856Kb / 20P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74HC139-Q1 TI1-SN74HC139-Q1 Datasheet
246Kb / 9P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A-Q1 TI1-SN74LVC139A-Q1 Datasheet
236Kb / 10P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com