データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25141QRGERQ1 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM25141QRGERQ1
部品情報  2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25141QRGERQ1 データシート(HTML) 1 Page - Texas Instruments

  LM25141QRGERQ1 Datasheet HTML 1Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 2Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 3Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 4Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 5Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 6Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 7Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 8Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
VOUT
RES
AGND
SS
COMP
PGND
VOUT
CS
LO
SW
HO
HB
VIN
LM25141-Q1
VIN
VCC
HOL
LOL
EN
OSC
DEMB
VCCX
VDDA
PG
FB
RT
DITH
CBST
DBST
COUT
LOUT
RSENSE
CIN
CRES
CSS
CDITH
RT
CVDDA
CVCC
RCOMP CCOMP
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM25141-Q1
SNVSAP9 – MARCH 2017
LM25141-Q1 2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40ºC to
+125ºC Ambient Operating Temperature
Range
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C4B
VIN 3.8 V to 42 V (47 V Absolute Maximum)
Output: Fixed 3.3-V, 5-V, or Adjustable From
1.5 V – 15 V With ±0.8% Accuracy
Fixed 2.2-MHz or 440-kHz Switching Frequency
With ±5% Accuracy
High-Side and Low-Side Gate Drive With Slew
Rate Control
Optional Frequency Shift by Varying an Analog
Voltage or RT Resistor
Optional Synchronization to an External Clock
Optional Spread Spectrum
Shutdown Mode IQ: 10 µA Typical
Low Standby Mode IQ: 35 µA Typical
75-mV Current Limit Threshold With ±0.9%
Accuracy
External Resistor or DCR Current Sensing
Output Enable Logic Input
Hiccup Mode for Sustained Overload
Power Good Indication Output
Selectable Diode Emulation or Forced Pulse
Width Modulation
VQFN-24 Package With Wettable Flanks
Create a Custom Design Using the LM25141-Q1
With the WEBENCH® Power Designer
2 Applications
Automotive Applications Including:
Infotainment Systems
Instrumentation Clusters
Advanced Driver Assistance Systems (ADAS)
3 Description
The LM25141-Q1 is a synchronous buck controller,
intended
for
high
voltage
wide
VIN step-down
converter applications. The control method is peak
current mode control. Current mode control provides
inherent line feed-forward, cycle-by-cycle current
limiting,
and
ease
of
loop
compensation.
The
LM25141-Q1 features slew rate control to simplify the
compliance
with
CISPR
and
Automotive
EMI
requirements.
The
LM25141-Q1
has
two
selectable
switching
frequencies: 2.2 MHz and 440 kHz. Gate Drivers with
Slew Rate Control can be adjusted to reduce EMI.
In light or no-load conditions, the LM25141-Q1
operates in skip cycle mode for improved low power
efficiency. The LM25141-Q1 has a high voltage bias
regulator with automatic switch-over to an external
bias to reduce the IQ current from VIN. Additional
features include frequency synchronization, cycle-by-
cycle current limit, hiccup mode fault protection for
sustained overload, and power good output.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM25141-Q1
VQFN (24)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


同様の部品番号 - LM25141QRGERQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25141QRGERQ1 TI-LM25141QRGERQ1 Datasheet
2Mb / 50P
[Old version datasheet]   LM25141-Q1 2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
More results

同様の説明 - LM25141QRGERQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25141-Q1 TI-LM25141-Q1_V01 Datasheet
2Mb / 50P
[Old version datasheet]   LM25141-Q1 2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
LM25143-Q1 TI-LM25143-Q1 Datasheet
3Mb / 70P
[Old version datasheet]   LM25143-Q1 Automotive 3.5-V to 42-V Dual Synchronous Buck Controller With Low IQ
MAY 2022
LM25143 TI-LM25143 Datasheet
4Mb / 69P
[Old version datasheet]   LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
TPS43350-Q1 TI1-TPS43350-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43350-Q1 TI-TPS43350-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
LM25149 TI-LM25149 Datasheet
2Mb / 49P
[Old version datasheet]   LM25149 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
LM25148 TI-LM25148 Datasheet
5Mb / 64P
[Old version datasheet]   LM25148 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
DECEMBER 2021
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
logo
Texas Instruments
LM5123-Q1 TI-LM5123-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   LM5123-Q1 2.2-MHz Wide VIN Low-IQ Synchronous Boost Controller with VOUT Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com