データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25141QRGETQ1 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM25141QRGETQ1
部品情報  2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25141QRGETQ1 データシート(HTML) 10 Page - Texas Instruments

Back Button LM25141QRGETQ1 Datasheet HTML 6Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 7Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 8Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 9Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 10Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 11Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 12Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 13Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
3.22
3.23
3.24
3.25
3.26
3.27
3.28
3.29
3.3
3.31
3.32
D011
+125qC
+25qC
-40qC
Output Current (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
4.950
4.955
4.960
4.965
4.970
4.975
4.980
4.985
4.990
4.995
5.000
D012
+125qC
+25qC
-40qC
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
120
140
11.00
11.20
11.40
11.60
11.80
12.00
12.20
12.40
12.60
12.80
13.00
D010
Temperature (°C)
-60
-40
-20
0
20
40
60
80
100
120
140
4.00
4.05
4.10
4.15
4.20
4.25
4.30
4.35
4.40
4.45
4.50
D009
Temperature (°C)
-60
-40
-20
0
20
40
60
80
100
120
140
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
D007
Temperature (°C)
-60
-40
-20
0
20
40
60
80
100
120
140
3.10
3.12
3.14
3.16
3.18
3.20
3.22
3.24
3.26
3.28
3.30
D008
10
LM25141-Q1
SNVSAP9 – MARCH 2017
www.ti.com
Product Folder Links: LM25141-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25ºC, unless otherwise noted
VCC Rising
EN = 12 V
Figure 7. VDD(REG) vs Temperature
VCC Rising
EN = 12 V
Figure 8. VDD(UVLO) vs Temperature
VCC Rising
EN = 12 V
Figure 9. VCCX(ON) vs Temperature
VIN = 12 V
EN = 12 V
Figure 10. Current Sense Amplifier Gain vs Temperature
VIN = 12 V
FB = VDDA
EN = 12 V
Figure 11. 3.3-V Output Voltage Regulation vs IOUT
VIN = 12 V
EN = 12 V
FB = GND
Figure 12. 5-V Output Voltage Regulation vs IOUT


同様の部品番号 - LM25141QRGETQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25141QRGETQ1 TI-LM25141QRGETQ1 Datasheet
2Mb / 50P
[Old version datasheet]   LM25141-Q1 2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
More results

同様の説明 - LM25141QRGETQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25141-Q1 TI-LM25141-Q1_V01 Datasheet
2Mb / 50P
[Old version datasheet]   LM25141-Q1 2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
LM25143-Q1 TI-LM25143-Q1 Datasheet
3Mb / 70P
[Old version datasheet]   LM25143-Q1 Automotive 3.5-V to 42-V Dual Synchronous Buck Controller With Low IQ
MAY 2022
LM25143 TI-LM25143 Datasheet
4Mb / 69P
[Old version datasheet]   LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
TPS43350-Q1 TI1-TPS43350-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43350-Q1 TI-TPS43350-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
LM25149 TI-LM25149 Datasheet
2Mb / 49P
[Old version datasheet]   LM25149 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
LM25148 TI-LM25148 Datasheet
5Mb / 64P
[Old version datasheet]   LM25148 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
DECEMBER 2021
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
logo
Texas Instruments
LM5123-Q1 TI-LM5123-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   LM5123-Q1 2.2-MHz Wide VIN Low-IQ Synchronous Boost Controller with VOUT Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com