データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25141QRGETQ1 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM25141QRGETQ1
部品情報  2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25141QRGETQ1 データシート(HTML) 11 Page - Texas Instruments

Back Button LM25141QRGETQ1 Datasheet HTML 7Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 8Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 9Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 10Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 11Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 12Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 13Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 14Page - Texas Instruments LM25141QRGETQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Temperature ( C)
°
-60
-40
-20
0
20
40
60
80
100
120
140
1600
1700
1800
1900
2000
2100
2200
2300
2400
2500
2600
D017
RT 49.9 k
RT 43.2 k
RT 61.9 k
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
120
140
200
240
280
320
360
400
440
480
520
560
600
D018
RT 49.9 k:
RT 44.2 k:
RT 73.2 k:
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
120
140
0
10
20
30
40
50
60
70
80
90
D015
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
120
140
60
65
70
75
80
85
90
95
100
105
110
D016
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
120
140
2040
2100
2160
2220
2280
2340
2400
D013
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
120
140
410
415
420
425
430
435
440
445
450
455
460
465
470
D014
11
LM25141-Q1
www.ti.com
SNVSAP9 – MARCH 2017
Product Folder Links: LM25141-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25ºC, unless otherwise noted
VIN = 12 V
EN = 12 V
OSC = VDDA
Figure 13. 2.2-MHz Oscillator Frequency vs Temperature
VIN = 12 V
EN = 12 V
OSC = AGND
Figure 14. 440-kHz Oscillator Frequency vs Temperature
VIN = 18 V
Figure 15. ton Minimum vs Temperature
VIN = 3.8 V
VOUT 3.3 V
Figure 16. toff Minimum vs Temperature
VIN = 12 V
Figure 17. RT Frequency vs Temperature (2.2 MHz)
VIN = 12 V
Figure 18. RT Frequency vs Temperature (440 kHz)


同様の部品番号 - LM25141QRGETQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25141QRGETQ1 TI-LM25141QRGETQ1 Datasheet
2Mb / 50P
[Old version datasheet]   LM25141-Q1 2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
More results

同様の説明 - LM25141QRGETQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25141-Q1 TI-LM25141-Q1_V01 Datasheet
2Mb / 50P
[Old version datasheet]   LM25141-Q1 2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
LM25143-Q1 TI-LM25143-Q1 Datasheet
3Mb / 70P
[Old version datasheet]   LM25143-Q1 Automotive 3.5-V to 42-V Dual Synchronous Buck Controller With Low IQ
MAY 2022
LM25143 TI-LM25143 Datasheet
4Mb / 69P
[Old version datasheet]   LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
TPS43350-Q1 TI1-TPS43350-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43350-Q1 TI-TPS43350-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
LM25149 TI-LM25149 Datasheet
2Mb / 49P
[Old version datasheet]   LM25149 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
LM25148 TI-LM25148 Datasheet
5Mb / 64P
[Old version datasheet]   LM25148 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
DECEMBER 2021
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
logo
Texas Instruments
LM5123-Q1 TI-LM5123-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   LM5123-Q1 2.2-MHz Wide VIN Low-IQ Synchronous Boost Controller with VOUT Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com