データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5948DU データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI5948DU
部品情報  Dual N-Channel 40 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5948DU データシート(HTML) 2 Page - Vishay Siliconix

  SI5948DU Datasheet HTML 1Page - Vishay Siliconix SI5948DU Datasheet HTML 2Page - Vishay Siliconix SI5948DU Datasheet HTML 3Page - Vishay Siliconix SI5948DU Datasheet HTML 4Page - Vishay Siliconix SI5948DU Datasheet HTML 5Page - Vishay Siliconix SI5948DU Datasheet HTML 6Page - Vishay Siliconix SI5948DU Datasheet HTML 7Page - Vishay Siliconix SI5948DU Datasheet HTML 8Page - Vishay Siliconix SI5948DU Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Si5948DU
www.vishay.com
Vishay Siliconix
S16-1127-Rev. A, 06-Jun-16
2
Document Number: 76424
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
40
-
-
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 μA
-45.3
-
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
--4.1-
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
1
-
2.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 40 V, VGS = 0 V
-
-
-1
μA
VDS = 40 V, VGS = 0 V, TJ = 55 °C
-
-
-10
On-State Drain Current a
ID(on)
VDS  5 V, VGS = 10 V
5
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = 10 V, ID = 5 A
-
0.065
0.082
VGS = 4.5 V, ID = 3 A
-
0.074
0.094
Forward Transconductance a
gfs
VDS = 20 V, ID = 5 A
-
11
-
S
Dynamic b
Input Capacitance
Ciss
VDS = 20 V, VGS = 0 V, f = 1 MHz
-
165
-
pF
Output Capacitance
Coss
-30
-
Reverse Transfer Capacitance
Crss
-13
-
Total Gate Charge
Qg
VDS = 20 V, VGS = 10 V, ID = 10 A
-
3.3
5
nC
VDS = 20 V, VGS = 4.5 V, ID = 10 A
-1.7
2.6
Gate-Source Charge
Qgs
-0.53
-
Gate-Drain Charge
Qgd
-0.63
-
Gate Resistance
Rg
f = 1 MHz
1.3
6.5
13
Turn-On Delay Time
td(on)
VDD = 20 V, RL = 4 
ID  5 A, VGEN = 10 V, Rg = 1 
-5
10
ns
Rise Time
tr
-25
50
Turn-Off Delay Time
td(off)
-7
15
Fall Time
tf
-10
20
Turn-On Delay Time
td(on)
VDD = 20 V, RL = 4 
ID  5 A, VGEN = 4.5 V, Rg = 1 
-11
20
Rise Time
tr
-41
80
Turn-Off Delay Time
td(off)
-9
20
Fall Time
tf
-25
50
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
-
-
5.8
A
Pulse Diode Forward Current (t = 100 μs)
ISM
--
10
Body Diode Voltage
VSD
IS = 5 A, VGS = 0 V
-
0.9
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 5 A, dI/dt = 100 A/μs, TJ = 25 °C
-15
30
ns
Body Diode Reverse Recovery Charge
Qrr
-
8
15
nC
Reverse Recovery Fall Time
ta
-9
-
ns
Reverse Recovery Rise Time
tb
-6
-


同様の部品番号 - SI5948DU

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI5948DU VISHAY-SI5948DU Datasheet
392Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI5948DU VISHAY-SI5948DU_V01 Datasheet
392Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI5948DU

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4906DY-T1-E3 VISHAY-SI4906DY-T1-E3 Datasheet
267Kb / 10P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 16-Nov-09
SI7938DP VISHAY-SI7938DP Datasheet
513Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 28-Sep-09
logo
Analog Power
AM7640N ANALOGPOWER-AM7640N Datasheet
77Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
AM4940N ANALOGPOWER-AM4940N Datasheet
120Kb / 5P
   Dual N-Channel 40-V (D-S) MOSFET
AM4942N ANALOGPOWER-AM4942N Datasheet
180Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
9960M VBSEMI-9960M Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
AO4884 VBSEMI-AO4884 Datasheet
1Mb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
VB3420 VBSEMI-VB3420 Datasheet
716Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
VBA3410 VBSEMI-VBA3410 Datasheet
614Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
logo
Leshan Radio Company
LDN4818T1G LRC-LDN4818T1G Datasheet
327Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
NTMD5836NLR2G VBSEMI-NTMD5836NLR2G Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com