データシートサーチシステム |
|
LMH6642 データシート(PDF) 2 Page - National Semiconductor (TI) |
|
|
LMH6642 データシート(HTML) 2 Page - National Semiconductor (TI) |
2 / 22 page Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. ESD Tolerance 2KV (Note 2) 200V (Note 9) V IN Differential ±2.5V Output Short Circuit Duration (Note 3), (Note 11) Supply Voltage (V + -V−) 13.5V Voltage at Input/Output pins V + +0.8V, V− −0.8V Input Current ±10mA Storage Temperature Range −65˚C to +150˚C Junction Temperature (Note 4) +150˚C Soldering Information Infrared or Convection Reflow(20 sec) 235˚C Wave Soldering Lead Temp.(10 sec) 260˚C Operating Ratings (Note 1) Supply Voltage (V + –V−) 3V to 12.8V Junction Temperature Range (Note 4) −40˚C to +85˚C Package Thermal Resistance (Note 4) ( θ JA) SOT23-5 265˚C/W SOIC-8 190˚C/W MSOP-8 235˚C/W SOIC-14 145˚C/W TSSOP-14 155˚C/W 3V Electrical Characteristics Unless otherwise specified, all limits guaranteed for at T J = 25˚C, V + = 3V, V− = 0V, V CM =VO =V +/2, and R L =2k Ω to V+/2. Boldface limits apply at the temperature extremes. Symbol Parameter Conditions Min (Note 6) Typ (Note 5) Max (Note 6) Units BW −3dB BW A V = +1, VOUT = 200mVPP 80 115 MHz A V = +2, −1, VOUT = 200mVPP 46 BW 0.1dB 0.1dB Gain Flatness A V = +2, RL = 150 Ω to V+/2, R L = 402 Ω,V OUT = 200mVPP 19 MHz PBW Full Power Bandwidth A V = +1, −1dB, VOUT =1VPP 40 MHz e n Input-Referred Voltage Noise f = 100kHz 17 nV/ f = 1kHz 48 i n Input-Referred Current Noise f = 100kHz 0.90 pA/ f = 1kHz 3.3 THD Total Harmonic Distortion f = 5MHz, V O =2VPP,AV = −1, R L = 100 Ω to V+/2 −48 dBc DG Differential Gain V CM = 1V, NTSC, AV =+2 R L =150 Ω to V+/2 0.17 % R L =1k Ω to V+/2 0.03 DP Differential Phase V CM = 1V, NTSC, AV =+2 R L =150 Ω to V+/2 0.05 deg R L =1k Ω to V+/2 0.03 CT Rej. Cross-Talk Rejection f = 5MHz, Receiver: R f =Rg = 510 Ω,A V =+2 47 dB T S Settling Time V O =2VPP, ±0.1%, 8pF Load, V S =5V 68 ns SR Slew Rate (Note 8) A V = −1, VI =2VPP 90 120 V/µs V OS Input Offset Voltage ±1 ±5 ±7 mV TC V OS Input Offset Average Drift (Note 12) ±5 µV/˚C I B Input Bias Current (Note 7) −1.50 −2.60 −3.25 µA I OS Input Offset Current 20 800 1000 nA R IN Common Mode Input Resistance 3M Ω C IN Common Mode Input Capacitance 2pF www.national.com 2 |
同様の部品番号 - LMH6642 |
|
同様の説明 - LMH6642 |