データシートサーチシステム |
|
LMH6642MF データシート(PDF) 5 Page - National Semiconductor (TI) |
|
|
LMH6642MF データシート(HTML) 5 Page - National Semiconductor (TI) |
5 / 22 page ±5V Electrical Characteristics (Continued) Unless otherwise specified, all limits guaranteed for at T J = 25˚C, V + = 5V, V− = −5V, V CM =VO = 0V and RL =2k Ω to ground. Boldface limits apply at the temperature extremes. Symbol Parameter Conditions Min (Note 6) Typ (Note 5) Max (Note 6) Units i n Input-Referred Current Noise f = 100kHz 0.90 pA/ f = 1kHz 3.3 THD Total Harmonic Distortion f = 5MHz, V O =2VPP,AV = +2 −62 dBc DG Differential Gain NTSC, A V =+2 R L =150 Ω to V+/2 0.15 % R L =1k Ω to V+/2 0.01 DP Differential Phase NTSC, A V =+2 R L =150 Ω to V+/2 0.04 deg R L =1k Ω to V+/2 0.01 CT Rej. Cross-Talk Rejection f = 5MHz, Receiver: R f =Rg = 510 Ω,A V =+2 47 dB T S Settling Time V O =2VPP, ±0.1%, 8pF Load, V S =5V 68 ns SR Slew Rate (Note 8) A V = −1, VI =2VPP 100 135 V/µs V OS Input Offset Voltage ±1 ±5 ±7 mV TC V OS Input Offset Average Drift (Note 12) ±5 µV/˚C I B Input Bias Current (Note 7) −1.60 −2.60 −3.25 µA I OS Input Offset Current 20 800 1000 nA R IN Common Mode Input Resistance 3 M Ω C IN Common Mode Input Capacitance 2 pF CMVR Input Common-Mode Voltage Range CMRR ≥ 50dB −5.5 −5.2 −5.1 V 3.8 3.6 4.0 CMRR Common Mode Rejection Ratio V CM Stepped from −5V to 3.5V 74 95 dB A VOL Large Signal Voltage Gain V O = −4.5V to 4.5V, R L =2k Ω 88 84 96 dB V O = −4.0V to 4.0V, R L = 150 Ω 78 74 82 V O Output Swing High R L =2k Ω,V ID = 200mV 4.90 4.96 V R L = 150 Ω,V ID = 200mV 4.65 4.80 Output Swing Low R L =2k Ω,V ID = −200mV −4.96 −4.90 V R L = 150 Ω,V ID = −200mV −4.80 −4.65 I SC Output Short Circuit Current Sourcing to Ground V ID = 200mV (Note 10) 60 35 115 mA Sinking to Ground V ID = −200mV (Note 10) 85 65 145 I OUT Output Current V O = 0.5V from either supply ±75 mA PSRR Power Supply Rejection Ratio (V +,V−) = (4.5V, −4.5V) to (5.5V, −5.5V) 78 90 dB I S Supply Current (per channel) No Load 2.70 4.50 5.50 mA www.national.com 5 |
同様の部品番号 - LMH6642MF |
|
同様の説明 - LMH6642MF |