データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FW.92.RNT.M データシート(PDF) 3 Page - Taoglas antenna solutions

部品番号 FW.92.RNT.M
部品情報  Flexible Whip Monopole Antenna
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAOGLAS [Taoglas antenna solutions]
ホームページ  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FW.92.RNT.M データシート(HTML) 3 Page - Taoglas antenna solutions

  FW.92.RNT.M Datasheet HTML 1Page - Taoglas antenna solutions FW.92.RNT.M Datasheet HTML 2Page - Taoglas antenna solutions FW.92.RNT.M Datasheet HTML 3Page - Taoglas antenna solutions FW.92.RNT.M Datasheet HTML 4Page - Taoglas antenna solutions FW.92.RNT.M Datasheet HTML 5Page - Taoglas antenna solutions FW.92.RNT.M Datasheet HTML 6Page - Taoglas antenna solutions FW.92.RNT.M Datasheet HTML 7Page - Taoglas antenna solutions FW.92.RNT.M Datasheet HTML 8Page - Taoglas antenna solutions FW.92.RNT.M Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SPE-12-8-090/A/WY
Page 3 of 13
2.Specification
CELLULAR
Frequency (MHz)
824~896
880~960
1710~1880
1850~1990
1710~2170
Peak Gain (dBi)
Free Space
-0.2
-0.1
3.0
3.3
3.3
With Ground
plane(30x30cm)
3.3
3.4
3.9
4.0
4.0
Average Gain (dBi)
Free Space
-3.8
-3.4
-2.3
-1.9
-1.9
With Ground
plane(30x30cm)
-1.2
-2.1
-2.0
-1.5
-1.4
Efficiency
Free Space
41%
46%
59%
65%
65%
With Ground
plane(30x30cm)
70%
61%
63%
71%
72%
Impedance
50Ω
Polarization
Linear
Radiation Pattern
Omni
Input Power
50 W
MECHANICAL
Dimensions
Height 274 ± 5 mm
Base Diameter
20 ± 0.1 mm
Whip Diameter
4 ± 0.2 mm
Casing
ABS
Connector
RP-N-type Male
ENVIRONMENTAL
Temperature Range
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH


同様の部品番号 - FW.92.RNT.M

メーカー部品番号データシート部品情報
logo
Taoglas antenna solutio...
FW.92.RNT.M TAOGLAS-FW.92.RNT.M Datasheet
835Kb / 13P
   Penta-band cellular 2G/3G GSM/CDMA/UMTS
FW.92.RNT.M TAOGLAS-FW.92.RNT.M_17 Datasheet
835Kb / 13P
   Penta-band cellular 2G/3G GSM/CDMA/UMTS
More results

同様の説明 - FW.92.RNT.M

メーカー部品番号データシート部品情報
logo
Taoglas antenna solutio...
FW.90.SMA.M TAOGLAS-FW.90.SMA.M_17 Datasheet
1Mb / 15P
   Flexible Whip Monopole Antenna
FW.91.TNC.M TAOGLAS-FW.91.TNC.M Datasheet
875Kb / 13P
   Flexible Whip Monopole Antenna
FW24SMAM TAOGLAS-FW24SMAM Datasheet
984Kb / 12P
   Meteor 2.4GHz Flexible Whip Monopole Antenna
FW81SMAM TAOGLAS-FW81SMAM Datasheet
167Kb / 6P
   Meteor 135MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna
FW80SMAM TAOGLAS-FW80SMAM Datasheet
471Kb / 7P
   Meteor 169MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna
WM.90.A.305111 TAOGLAS-WM.90.A.305111 Datasheet
1Mb / 18P
   WALL MOUNT FLEXIBLE WHIP MONOPOLE
WM90A305111 TAOGLAS-WM90A305111 Datasheet
1Mb / 21P
   Wall Mount Flexible Whip Monopole
logo
Ultralife Corporation.
LPAS-320U-A04 ULTRALIFE-LPAS-320U-A04 Datasheet
665Kb / 2P
   20-Watt Monopole Whip Antenna
5/30/14
logo
Linx Technologies
ANT-W63-MON-RPS LINX-ANT-W63-MON-RPS Datasheet
1Mb / 24P
   WiFi 6 Monopole Whip Antenna
2021
logo
Taoglas antenna solutio...
WM80B305111 TAOGLAS-WM80B305111 Datasheet
532Kb / 6P
   169MHz 0dBi Wall Mount Flexible Whip Monopole Omni-Directional Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com