データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8067ART-REEL7 データシート(PDF) 8 Page - Analog Devices

部品番号 AD8067ART-REEL7
部品情報  High Gain Bandwidth Product Precision Fast FET??Op Amp
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8067ART-REEL7 データシート(HTML) 8 Page - Analog Devices

Back Button AD8067ART-REEL7 Datasheet HTML 4Page - Analog Devices AD8067ART-REEL7 Datasheet HTML 5Page - Analog Devices AD8067ART-REEL7 Datasheet HTML 6Page - Analog Devices AD8067ART-REEL7 Datasheet HTML 7Page - Analog Devices AD8067ART-REEL7 Datasheet HTML 8Page - Analog Devices AD8067ART-REEL7 Datasheet HTML 9Page - Analog Devices AD8067ART-REEL7 Datasheet HTML 10Page - Analog Devices AD8067ART-REEL7 Datasheet HTML 11Page - Analog Devices AD8067ART-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8067
Rev. 0 | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Default Conditions VS = ±5 V (@ TA = +25°C, G = +10, RL = RF = 1 kΩ, Unless Otherwise Noted.)
FREQUENCY – MHz
28
8
10
12
14
16
18
20
22
24
26
1
10
100
G = +20
G = +10
G = +6
G = +8
VOUT = 200mV p-p
Figure 4. Small Signal Frequency Response for Various Gains
FREQUENCY – MHz
22
14
15
16
17
18
19
20
21
1
10
100
VOUT = 200mV p-p
VS = ±12V
VS = ±5V
VS = +5V
Figure 5. Small Signal Frequency Response for Various Supplies
FREQUENCY – MHz
22
14
15
16
17
18
19
20
21
1
10
100
VOUT = 2V p-p
VS = ±12V
VS = ±5V
VS = +5V
Figure 6. Large Signal Frequency Response for Various Supplies
FREQUENCY – MHz
20.7
19.8
19.9
20.0
20.1
20.2
20.3
20.4
20.5
20.6
1
10
100
VOUT = 0.2V p-p
VOUT = 0.7V p-p
VOUT = 1.4V p-p
Figure 7. 0.1 dB Flatness Frequency Response
FREQUENCY – MHz
24
14
15
16
17
18
19
20
21
22
23
1
10
100
VOUT = 200mV p-p
CL = 100pF
CL = 25pF
CL = 100pF
RSNUB = 24.9Ω
CL = 5pF
Figure 8. Small Signal Frequency Response for Various CLOAD
FREQUENCY – MHz
22
14
15
16
17
18
19
20
21
1
10
100
VOUT = 0.2V p-p, 2V p-p
VOUT = 4V p-p
Figure 9. Frequency Response for Various Output Amplitudes


同様の部品番号 - AD8067ART-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8067ART-REEL7 AD-AD8067ART-REEL7 Datasheet
459Kb / 24P
   High Gain Bandwidth Product, Precision Fast FET??Op Amp
REV. A
More results

同様の説明 - AD8067ART-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8067 AD-AD8067_06 Datasheet
459Kb / 24P
   High Gain Bandwidth Product, Precision Fast FET??Op Amp
REV. A
logo
Elantec Semiconductor
EL2006 ELANTEC-EL2006 Datasheet
247Kb / 12P
   High Gain Fast FET Input Op Amp
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622 Datasheet
1Mb / 10P
   Precision, High-Bandwidth Op Amp
Rev 0; 9/10
MAX9622 MAXIM-MAX9622_V01 Datasheet
777Kb / 10P
   Precision, High-Bandwidth Op Amp
2015
logo
Inchange Semiconductor ...
2SC5772 ISC-2SC5772 Datasheet
257Kb / 10P
   High Gain Bandwidth Product
2SC4807 ISC-2SC4807 Datasheet
212Kb / 5P
   High Gain-Bandwidth Product
2SC3862 ISC-2SC3862 Datasheet
218Kb / 4P
   High Gain Bandwidth Product
2SC5084 ISC-2SC5084 Datasheet
267Kb / 5P
   High Gain Bandwidth Product
2SC5227 ISC-2SC5227 Datasheet
266Kb / 5P
   High Gain Bandwidth Product
2SC4988 ISC-2SC4988 Datasheet
216Kb / 5P
   High Gain Bandwidth Product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com