データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KBL402 データシート(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 KBL402
部品情報  Silicon Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

KBL402 データシート(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  KBL402 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited KBL402 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited KBL402 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Silicon Bridge Rectifiers
KBL4005--KBL410
Document Number: KBL801AA
www.gmicroelec.com
1
FEATURES
Rating to 1000V PRV
Surge overload rating to 150 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
Lead solderable per MIL-STD-202 method 208
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
KBL
4005
KBL
401
KBL
402
KBL
403
KBL
404
KBL
406
KBL
408
KBL
410
UNITS
Maximum recurrent peak reverse voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum average forward Output current
@TA=50℃
IF(AV)
4.0
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
IFSM
150
A
Thermal Characteristics
Characteristic
Symbol
KBL
4005
KBL
401
KBL
402
KBL
403
KBL
404
KBL
406
KBL
408
KBL
410
UNITS
Operating junction temperature range
TJ
- 55 ---- + 150
Storage temperature range
TSTG
- 55 ---- + 150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
KBL
4005
KBL
401
KBL
402
KBL
403
KBL
404
KBL
406
KBL
408
KBL
410
UNITS
Maximum instantaneous forward voltage
@2.0A
VF
1.0
V
Maximum
reverse
current
@TA=25℃
at rated DC blocking voltage @TA=100℃
IR
10
1.0
μ A
m A
Pb
Lead-free


同様の部品番号 - KBL402

メーカー部品番号データシート部品情報
logo
DONGGUAN YOU FENG WEI E...
KBL402 YFWDIODE-KBL402 Datasheet
474Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Surge Components
KBL402 SURGE-KBL402 Datasheet
115Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
Bytesonic Electronics C...
KBL402 BYTESONIC-KBL402 Datasheet
357Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBL402 TSC-KBL402 Datasheet
258Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
Kwang Myoung I.S. CO.,L...
KBL402 KISEMICONDUCTOR-KBL402 Datasheet
74Kb / 2P
   4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

同様の説明 - KBL402

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com