データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS3200B データシート(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 SS3200B
部品情報  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS3200B データシート(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SS3200B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS3200B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SS3200B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
SS3150B--SS3200B
Document Number: SMB408AA
www.gmicroelec.com
1
FEATURES
Metal-Semiconductor junction with guard ring
Epitaxial construction
Low forward voltage drop, low switching losses
High surge capacity
For use in low voltage, high frequency inverters free
wheeling, and polarity protection applications
MECHANICAL DATA
Case: SMB molded plastic body
Terminals: Axial lead ,solderable per MIL-STD750, Method 2026
Polarity: As marked
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SS3150B
SS3200B
UNITS
Marking code
SS3CB
SS3DB
Maximum repetitive peak reverse voltage
VRRM
150
200
V
Maximum RMS voltage
VRWS
105
140
V
Maximum DC blocking voltage
VDC
150
200
V
Maximum
average
forward
rectified
current at TL=110℃
IF(AV)
3.0
A
Peak forward surge current
8.3ms single half-sine-wave
IFSM
100
A
Thermal Characteristics
Characteristic
Symbol
SS3150B
SS3200B
UNITS
Maximum thermal resistance
RθJA
55
/W
Typical Junction Capacitance
CJ
300
PF
Operating temperature range
TJ
-55----+150
Storage temperature range
TSTG
-55----+150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SS3150B
SS3200B
UNITS
Maximum instantaneous forward voltage
at IFM=3.0A
VF
0.95
V
Maximum DC reverse current TA=25℃
at rated DC blocking voltage TA=100℃
IR
0.1
10
m A
Pb
Lead-free


同様の部品番号 - SS3200B

メーカー部品番号データシート部品情報
logo
Galaxy Semi-Conductor H...
SS3200B BILIN-SS3200B Datasheet
535Kb / 4P
   Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
SS3200B CHENDA-SS3200B Datasheet
785Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
FutureWafer Tech Co.,Lt...
SS3200B FUTUREWAFER-SS3200B Datasheet
928Kb / 6P
   Surface Mount Schottky Barrier Rectifier
logo
Galaxy Semi-Conductor H...
SS3200BF BILIN-SS3200BF Datasheet
383Kb / 4P
   Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
SS3200BF CHENDA-SS3200BF Datasheet
809Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

同様の説明 - SS3200B

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com