データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADR390AUJZ-REEL7 データシート(PDF) 4 Page - Analog Devices

部品番号 ADR390AUJZ-REEL7
部品情報  Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADR390AUJZ-REEL7 データシート(HTML) 4 Page - Analog Devices

  ADR390AUJZ-REEL7 Datasheet HTML 1Page - Analog Devices ADR390AUJZ-REEL7 Datasheet HTML 2Page - Analog Devices ADR390AUJZ-REEL7 Datasheet HTML 3Page - Analog Devices ADR390AUJZ-REEL7 Datasheet HTML 4Page - Analog Devices ADR390AUJZ-REEL7 Datasheet HTML 5Page - Analog Devices ADR390AUJZ-REEL7 Datasheet HTML 6Page - Analog Devices ADR390AUJZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR390AUJZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR390AUJZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADR390/ADR391/ADR392/ADR395
Rev. F | Page 4 of 20
ADR391 SPECIFICATIONS
Electrical characteristics, VIN = 2.8 V to 15 V, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VO
A grade
2.494
2.5
2.506
V
VO
B grade
2.496
2.5
2.504
V
VOERR
A grade
6
mV
INITIAL ACCURACY
VOERR
A grade
0.24
%
VOERR
B grade
4
mV
VOERR
B grade
0.16
%
A grade, −40°C < TA < +125°C
25
ppm/°C
TEMPERATURE COEFFICIENT
TCVO
B grade, −40°C < TA < +125°C
9
ppm/°C
SUPPLY VOLTAGE HEADROOM
VIN − VO
300
mV
LINE REGULATION
∆VO/∆VIN
VIN = 2.8 V to 15 V, −40°C < TA < +125°C
10
25
ppm/V
ILOAD = 0 mA to 5 mA, −40°C < TA < +85°C, VIN = 3 V
60
ppm/mA
LOAD REGULATION
∆VO/∆ILOAD
ILOAD = 0 mA to 5 mA, −40°C < TA < +125°C, VIN = 3 V
140
ppm/mA
No load
120
µA
QUIESCENT CURRENT
IIN
−40°C < TA < +125°C
140
µA
VOLTAGE NOISE
enp-p
0.1 Hz to 10 Hz
5
µV p-p
TURN-ON SETTLING TIME
tR
20
µs
LONG-TERM STABILITY1
∆VO
1000 hours
50
ppm
OUTPUT VOLTAGE HYSTERESIS
∆VO_HYS
100
ppm
RIPPLE REJECTION RATIO
RRR
fIN = 60 kHz
80
dB
VIN = 5 V
25
mA
SHORT CIRCUIT TO GND
ISC
VIN = 15 V
30
mA
SHUTDOWN PIN
Shutdown Supply Current
ISHDN
3
µA
Shutdown Logic Input Current
ILOGIC
500
nA
Shutdown Logic Low
VINL
0.8
V
Shutdown Logic High
VINH
2.4
V
1 The long-term stability specification is noncumulative. The drift of subsequent 1000 hour periods is significantly lower than in the first 1000 hour period.


同様の部品番号 - ADR390AUJZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR391 AD-ADR391 Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
ADR391 AD-ADR391 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
ADR391 AD-ADR391 Datasheet
726Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
ADR391 AD-ADR391 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
ADR391 AD-ADR391 Datasheet
3Mb / 21P
   Precision, Micropower, High Current Output Voltage Reference
Rev. 0
More results

同様の説明 - ADR390AUJZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR370 AD-ADR370 Datasheet
182Kb / 12P
   Precision Low Power 2.048 V SOT-23 Voltage Reference
REV. A
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
ADR318 AD-ADR318 Datasheet
492Kb / 8P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. 0
ADR291GRUZ-REEL7 AD-ADR291GRUZ-REEL7 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR292GRZ AD-ADR292GRZ Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR291 AD-ADR291_15 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com